Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TVP5147PFP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part No. TVP5147PFP
Description  NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 47 page
background image
Functional Description
39
SLES099A—April 2004
TVP5147PFP
2.11.11
Luminance Contrast Register
Subaddress
0Ah
Default
80h
7
6
5
4
3
2
1
0
Contrast [7:0]
Contrast [7:0]: This register works for CVBS, S-video, and component video luminance.
1111 1111 = 255 (maximum contrast)
1000 0000 = 128 (default)
0000 0000 = 0 (minimum contrast)
2.11.12 Chrominance Saturation Register
Subaddress
0Bh
Default
80h
7
6
5
4
3
2
1
0
Saturation [7:0]
Saturation [7:0]: This register works for CVBS, S-video, and component video luminance.
1111 1111 = 255 (maximum)
1000 0000 = 128 (default)
0000 0000 = 0 (no color)
2.11.13 Chroma Hue Register
Subaddress
0Ch
Default
00h
7
6
5
4
3
2
1
0
Hue [7:0]
Hue [7:0] (does not apply to component video)
0111 1111 = +180 degrees
0000 0000 = 0 degrees (default)
1000 0000 = −180 degrees
2.11.14 Chrominance Processing Control 1 Register
Subaddress
0Dh
Default
00h
7
6
5
4
3
2
1
0
Reserved
Color PLL reset
Chrominance adaptive
comb enable
Reserved
Automatic color gain control [1:0]
Color PLL reset:
0 = Color subcarrier PLL not reset (default)
1 = Color subcarrier PLL reset
Chrominance adaptive comb enable: This bit is effective on composite video only.
0 = Enabled (default)
1 = Disabled
Automatic color gain control (ACGC) [1:0]:
00= ACGC enabled (default)
01 = Reserved
10= ACGC disabled, ACGC set to the nominal value
11= ACGC frozen to the previous set value




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5040NTSC/PAL Digital Video Decoder With Macrovision Detection 1 2 3 4 5 MoreTexas Instruments
SAF7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl