Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TVP5147PFP Datasheet(PDF) 43 Page - Texas Instruments

Click here to check the latest version.
Part # TVP5147PFP
Description  NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
Download  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TVP5147PFP Datasheet(HTML) 43 Page - Texas Instruments

Back Button TVP5147PFP Datasheet HTML 39Page - Texas Instruments TVP5147PFP Datasheet HTML 40Page - Texas Instruments TVP5147PFP Datasheet HTML 41Page - Texas Instruments TVP5147PFP Datasheet HTML 42Page - Texas Instruments TVP5147PFP Datasheet HTML 43Page - Texas Instruments TVP5147PFP Datasheet HTML 44Page - Texas Instruments TVP5147PFP Datasheet HTML 45Page - Texas Instruments TVP5147PFP Datasheet HTML 46Page - Texas Instruments TVP5147PFP Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
Functional Description
35
SLES099A—April 2004
TVP5147PFP
2.11.2
AFE Gain Control Register
Subaddress
01h
Default
0Fh
7
6
5
4
3
2
1
0
Reserved
1
1
AGC chroma
AGC luma
Bit 3: 1 must be written to this bit.
Bit 2: 1 must be written to this bit.
AGC chroma enable: Controls automatic gain in the chroma/PbPr channel:
0 = Manual (if AGC luma is set to manual, AGC chroma is forced to be in manual)
1 = Enabled auto gain, applied a gain value acquired from the sync channel for S-video and component
mode. When AGC luma is set, this state is valid. (default)
AGC luma enable: Controls automatic gain in the embedded sync channel of CVBS, S-video, component
video:
0 = Manual gain, AFE coarse and fine gain frozen to the previous gain value set by AGC when this bit is set
to 0.
1 = Enabled auto gain applied to only the embedded sync channel (default)
These settings only affect the analog front-end (AFE). The brightness and contrast controls are not affected
by these settings.
2.11.3
Video Standard Register
Subaddress
02h
Default
00h
7
6
5
4
3
2
1
0
Reserved
Video standard [2:0]
Video standard [2:0]:
CVBS and S-Video
Component Video
000
= Autoswitch mode (default)
Autoswitch mode (default)
001
= (M, J) NTSC
Component 525
010
= (B, D, G, H, I, N) PAL
Component 625
011
= (M) PAL
Reserved
100
= (Combination-N) PAL
Reserved
101
= NTSC 4.43
Reserved
110
= SECAM
Reserved
111
= PAL 60
Reserved
With the autoswitch code running, the user can force the decoder to operate in a particular video standard
mode by writing the appropriate value into this register. Changing these bits causes the register settings to
be reinitialized.
NOTE: Sampling rate (either square pixel or ITU-R BT.601) can be set by bit 7 (sampling rate)
in the output formatter 1 register at I2C subaddress 33h (see Section 2.11.28).


Similar Part No. - TVP5147PFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5147PFP TI-TVP5147PFP Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision??Detection,YPbPr Inputs,and 5-Line Comb Filter
TVP5147PFP TI1-TVP5147PFP Datasheet
1Mb / 100P
[Old version datasheet]   2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5147PFPG4 TI-TVP5147PFPG4 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision??Detection,YPbPr Inputs,and 5-Line Comb Filter
TVP5147PFPR TI-TVP5147PFPR Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision??Detection,YPbPr Inputs,and 5-Line Comb Filter
TVP5147PFPR TI1-TVP5147PFPR Datasheet
1Mb / 100P
[Old version datasheet]   2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
More results

Similar Description - TVP5147PFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TVP5147M1PFP TI-TVP5147M1PFP_07 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2 X 10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
TVP5147PFP TI-TVP5147PFP_07 Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision??Detection,YPbPr Inputs,and 5-Line Comb Filter
TVP5147M1 TI-TVP5147M1_08 Datasheet
1Mb / 101P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Felter
TVP5146 TI-TVP5146 Datasheet
537Kb / 103P
[Old version datasheet]   NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT
TVP5146M2 TI1-TVP5146M2 Datasheet
964Kb / 107P
[Old version datasheet]   NTSC/PAL/SECAM 4횞10-Bit Digital Video Decoder With Macrovision??Detection, YPbPr Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2PFP_0708 TI-TVP5146M2PFP_0708 Datasheet
1Mb / 108P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5146M2PFP TI-TVP5146M2PFP Datasheet
1Mb / 100P
[Old version datasheet]   NTSC/PAL/SECAM 4X10-Bit Digital Video Decoder With Macrovision Detection, YPbPr/RGB Inputs, 5-Line Comb Filter, and SCART Support
TVP5147PFP TI1-TVP5147PFP_16 Datasheet
1Mb / 100P
[Old version datasheet]   2x10-Bit Digital Video Decoder With Macrovision Detection, YPbPr Inputs, and 5-Line Comb Filter
TVP5145PFP TI-TVP5145PFP Datasheet
525Kb / 92P
[Old version datasheet]   NTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com