Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TVP5147PFP Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part No. TVP5147PFP
Description  NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 39 page
background image
Functional Description
31
SLES099A—April 2004
TVP5147PFP
Table 2−10. I2C Register Summary (Continued)
REGISTER NAME
I2C SUBADDRESS
DEFAULT
R/W
AGC gain status
3Ch−3Dh
R
Reserved
3Eh
Video standard status
3Fh
R
GPIO input 1
40h
R
GPIO input 2
41h
R
Vertical line count
42h−43h
R
Reserved
44h−45h
AFE coarse gain for CH1
46h
20h
R/W
AFE coarse gain for CH2
47h
20h
R/W
AFE coarse gain for CH3
48h
20h
R/W
AFE coarse gain for CH4
49h
20h
R/W
AFE fine gain for Pb
4Ah−4Bh
900h
R/W
AFE fine gain for chroma
4Ch−4Dh
900h
R/W
AFE fine gain for Pr
4Eh−4Fh
900h
R/W
AFE fine gain for CVBS_Luma
50h−51h
900h
R/W
Reserved
52h−56h
Field ID control
57h
00h
R/W
Reserved
58h−6Fh
ROM version
70h
R
Reserved
71h−73h
AGC white peak processing
74h
00h
R/W
F and V bit control
75h
12h
R/W
VCR trick mode control
76h
8Ah
R/W
Horizontal shake increment
77h
64h
R/W
AGC increment speed
78h
05h
R/W
AGC increment delay
79h
1Eh
R/W
Reserved
7Ah−7Eh
Analog output control 1
7Fh
00h
R/W
Chip ID MSB
80h
51h
R
Chip ID LSB
81h
47h
R
Reserved
82h−B0h
VDP TTX filter 1 mask 1
B1h
00h
R/W
VDP TTX filter 1 mask 2
B2h
00h
R/W
VDP TTX filter 1 mask 3
B3h
00h
R/W
VDP TTX filter 1 mask 4
B4h
00h
R/W
VDP TTX filter 1 mask 5
B5h
00h
R/W
VDP TTX filter 2 mask 1
B6h
00h
R/W
VDP TTX filter 2 mask 2
B7h
00h
R/W
VDP TTX filter 2 mask 3
B8h
00h
R/W
VDP TTX filter 2 mask 4
B9h
00h
R/W
VDP TTX filter 2 mask 5
BAh
00h
R/W
NOTE: R = Read only
W = Write only
R/W = Read and write
Reserved register addresses must not be written to.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5040NTSC/PAL Digital Video Decoder With Macrovision Detection 1 2 3 4 5 MoreTexas Instruments
SAF7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl