Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TVP5147PFP Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part No. TVP5147PFP
Description  NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 38 page
background image
Functional Description
30
SLES099A—April 2004
TVP5147PFP
Table 2−10. I2C Register Summary
REGISTER NAME
I2C SUBADDRESS
DEFAULT
R/W
Input select
00h
00h
R/W
AFE gain control
01h
0Fh
R/W
Video standard
02h
00h
R/W
Operation mode
03h
00h
R/W
Autoswitch mask
04h
23h
R/W
Color killer
05h
10h
R/W
Luminance processing control 1
06h
00h
R/W
Luminance processing control 2
07h
00h
R/W
Luminance processing control 3
08h
02h
R/W
Luminance brightness
09h
80h
R/W
Luminance contrast
0Ah
80h
R/W
Chrominance saturation
0Bh
80h
R/W
Chroma hue
0Ch
00h
R/W
Chrominance processing control 1
0Dh
00h
R/W
Chrominance processing control 2
0Eh
0Eh
R/W
Reserved
0Fh−15h
AVID start pixel
16h−17h
055h
R/W
AVID stop pixel
18h−19h
325h
R/W
HSYNC start pixel
1Ah−1Bh
000h
R/W
HSYNC stop pixel
1Ch−1Dh
040h
R/W
VSYNC start line
1Eh−1Fh
004h
R/W
VSYNC stop line
20h−21h
007h
R/W
VBLK start line
22h−23h
001h
R/W
VBLK stop line
24h−25h
015h
R/W
Reserved
26h−2Ah
Overlay delay
2Bh
00h
R/W
Reserved
2Ch
CTI delay
2Dh
00h
R/W
CTI control
2Eh
00h
R/W
Reserved
2Fh−30h
GLCO/RTC
31h
05h
R/W
Sync control
32h
00h
R/W
Output formatter 1
33h
40h
R/W
Output formatter 2
34h
00h
R/W
Output formatter 3
35h
FFh
R/W
Output formatter 4
36h
FFh
R/W
Output formatter 5
37h
FFh
R/W
Output formatter 6
38h
FFh
R/W
Clear lost lock detect
39h
00h
R/W
Status 1
3Ah
R
Status 2
3Bh
R
NOTE: R = Read only
W = Write only
R/W = Read and write
Reserved register addresses must not be written to.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5040NTSC/PAL Digital Video Decoder With Macrovision Detection 1 2 3 4 5 MoreTexas Instruments
SAF7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl