Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

258-501-64-38 Datasheet(PDF) 3 Page - Marl International Limited

Part # 258-501-64-38
Description  Reduces stock and maintenance costs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

258-501-64-38 Datasheet(HTML) 3 Page - Marl International Limited

  258-501-64-38 Datasheet HTML 1Page - Marl International Limited 258-501-64-38 Datasheet HTML 2Page - Marl International Limited 258-501-64-38 Datasheet HTML 3Page - Marl International Limited 258-501-64-38 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
258 series
Part numbers also available in the 258 series:
Part
Number
Colour
Voltage
Vopr
258-997-95-38
White
60 Vac/dc
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 258 - version 2014-02-27-173315
page 3 of 4


Similar Part No. - 258-501-64-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
258-501-64-38 MARL-258-501-64-38 Datasheet
251Kb / 3P
   FILAMENT REPLACEMENT LEDs - T6.8SB
258-501-64-38 MARL-258-501-64-38 Datasheet
266Kb / 5P
   Direct replacement for T6.8 Slide Base
258-501-64-38 MARL-258-501-64-38 Datasheet
204Kb / 4P
   filament replacement leds
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
   Durable to shock and vibration
258-501-64-38_1312 MARL-258-501-64-38_1312 Datasheet
204Kb / 4P
   filament replacement leds
More results

Similar Description - 258-501-64-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
255-501-64-3812 MARL-255-501-64-3812_15 Datasheet
285Kb / 5P
   Reduces stock and maintenance costs
253-501-64-3812 MARL-253-501-64-3812_15 Datasheet
275Kb / 5P
   Reduces stock and maintenance costs
logo
PHOENIX CONTACT
2200162 PHOENIX-2200162 Datasheet
43Kb / 2P
   Plug-in assembly reduces assembly time and therefore saves costs
2200166 PHOENIX-2200166 Datasheet
47Kb / 3P
   Plug-in assembly reduces assembly time and therefore saves costs
logo
Weidmuller
SL-SMT3.5-90 WEIDMULLER-SL-SMT3.5-90 Datasheet
194Kb / 8P
   Connectors - reduces costs in the production process
logo
PHOENIX CONTACT
2200172 PHOENIX-2200172 Datasheet
57Kb / 2P
   Plug-in assembly reduces assembly time and therefore saves costs
logo
Maxim Integrated Produc...
MAX17620 MAXIM-MAX17620 Datasheet
897Kb / 15P
   Reduces Number of DC-DC Regulators to Stock
Rev 3; 7/16
logo
All Sensors Corporation
A4CBJ-N ASC-A4CBJ-N Datasheet
7Mb / 1P
   Locaf Stock and Delivery
logo
Infineon Technologies A...
IM513-L6A INFINEON-IM513-L6A Datasheet
949Kb / 20P
   optimize PCB size and system costs
Verison 2.0 2017-12-07
logo
NXP Semiconductors
PTN3500 PHILIPS-PTN3500 Datasheet
115Kb / 15P
   Maintenance and control device
2001 Jan 17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com