Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

671-062-00-51 Datasheet(PDF) 2 Page - Marl International Limited

Part # 671-062-00-51
Description  PANEL INDICATOR LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

671-062-00-51 Datasheet(HTML) 2 Page - Marl International Limited

  671-062-00-51 Datasheet HTML 1Page - Marl International Limited 671-062-00-51 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
671 HIGH VOLTAGE SERIES
PANEL INDICATOR LED
Toorderpleasecontactuson+44(0)1229582430
F+44(0)1229585155 | Esales@marl.co.uk | www.leds.co.uk
Q05480
DSN671HVVersionDS016/2016. Page2of2
TECHNICAL CHARACTERISTICS
Series
Max.Power
Dissipation
PanelCutout
NutMounting
Torque
Min.Mounting
Centres
Min.-Max.Panel
Thickness
671
2500
25.4
1.2
41.0
2.0-10.0
mW
mm
Nm
mm
mm
TECHNICAL DRAWING
Weight(g):58.9
Dimensionsinmm(typical).Nottoscale.Mountingholetobecleanandburrfree.
18
49
25.4
+0.2
0
Mounting Hole
DE-RATING GRAPHS
MATERIALS
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Red LED
120
76,40
100,12
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Yellow, Green, Blue or Cool White LED
120
76,30
Body
BlackAnodisedAluminium
Nut
Aluminium
PanelSeal
Neoprene
Lens
Polycarbonate
Encapsulation
BlackPolyurethane
LockWasher
SpringSteel
Termination
StainlessSteel
Header
Nylon66A82
DESIGN CONSIDERATIONS
Electro-StaticDischarge(ESD)
Buildupofelectro-staticdischargeoccursinmanysituations
involvingpeoplemovingandhandlingproducts.Therange
of possible situations is very diverse but voltage levels as
high as several thousand volts can and do arise in many
individualsituations.Whenanoperatorchargeduptothese
levels handles a static sensitive device, there is a very
probable likelihood that the device will be irreversibly
damaged. It is essential that precautions are taken at all
stagesduringmanufactureandassemblyoftheseproducts.
AlthoughLEDswereneverconsideredtobestaticsensitive
devices, changes in manufacturing technology and
materialsusedtoproducehigherintensityproductsovera
largerangeofthewavelengthspectrumhavechangedthis.
Marl has an approved system of ESD control from goods
in,throughproductionandintofinalpackinganddespatch.
MarlrecommendallusersofLEDbasedproductsfollowthe
guidelinesofBS100015.
Voltage,CurrentandTemperature
Theforwardvoltage/currentvalueofanLEDisdependent
upontheambienttemperatureoftheenvironmentinwhich
itisoperated.Therefore,caremustbetakentooperatethe
LEDatthecorrectvoltage/currentvalues,dependingupon
theambienttemperature.
Marl should be contacted if the device is to be operated
outside the temperature range specified. Marl accept no
liability for any product that is operated outside the stated
voltageortemperaturerange.
marlleds marlinternationallimited company/marl-international-limited


Similar Part No. - 671-062-00-51

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671-063-62-50 MARL-671-063-62-50 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
671-063-62-50 MARL-671-063-62-50 Datasheet
374Kb / 4P
   Large LED indication
671-063-91-50 MARL-671-063-91-50 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
671-063-91-50 MARL-671-063-91-50 Datasheet
374Kb / 4P
   Large LED indication
671-063-98-50 MARL-671-063-98-50 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
More results

Similar Description - 671-062-00-51

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
528-501-04 MARL-528-501-04_16 Datasheet
255Kb / 2P
   PANEL INDICATOR LED
677-501-04 MARL-677-501-04_15 Datasheet
254Kb / 2P
   PANEL INDICATOR LED
699-501-63 MARL-699-501-63_14 Datasheet
266Kb / 2P
   PANEL INDICATOR LED
604-301-04 MARL-604-301-04_14 Datasheet
295Kb / 2P
   PANEL INDICATOR LED
537-501-63 MARL-537-501-63_14 Datasheet
256Kb / 2P
   PANEL INDICATOR LED
534-501-63 MARL-534-501-63_14 Datasheet
274Kb / 2P
   PANEL INDICATOR LED
531-501-63 MARL-531-501-63_14 Datasheet
276Kb / 2P
   PANEL INDICATOR LED
520-301-04 MARL-520-301-04_14 Datasheet
277Kb / 2P
   PANEL INDICATOR LED
508-501-04 MARL-508-501-04_14 Datasheet
282Kb / 2P
   PANEL INDICATOR LED
692-501-04 MARL-692-501-04 Datasheet
249Kb / 2P
   PANEL INDICATOR LED
677-501-21-53 MARL-677-501-21-53_16 Datasheet
230Kb / 2P
   PANEL INDICATOR LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com