Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

671-063-62-50 Datasheet(PDF) 3 Page - Marl International Limited

Part # 671-063-62-50
Description  Large LED indication
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

671-063-62-50 Datasheet(HTML) 3 Page - Marl International Limited

  671-063-62-50 Datasheet HTML 1Page - Marl International Limited 671-063-62-50 Datasheet HTML 2Page - Marl International Limited 671-063-62-50 Datasheet HTML 3Page - Marl International Limited 671-063-62-50 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
de-rating information
to order
BS EN ISO 9001:2008
approved manufacturer
671 series
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph A
10
20
30
40
50
6
0.0
100.0
80.0
60.0
40.0
20.0
55
5
0
15
25
35
45
Ambient Temperature Ta (°C)
Derating Graph F
10
20
30
40
50
also available
Part numbers also available in the 671 series:
Part
Number
Colour
Voltage
Vopr
671-063-62-50
White
48-130Vac/dc
671-063-91-50
White
230 Vac/dc
671-063-98-50
White
24 Vac/dc
671-289-76
Red
230 Vac 50 Hz
671-289-87-50
Red
130 Vac/dc
671-290-26
Red
230 Vdc
671-290-75-50
Red
110 Vac 50 Hz
671-290-76
Red
230 Vac 50 Hz
671-290-91
Red
230 Vac/dc
671-290-91-50
Red
230 Vac/dc
671-291-76
Yellow
230 Vac 50 Hz
671-291-87-50
Yellow
130 Vac/dc
671-291-99
Yellow
110 Vac/dc
671-292-00-50
Green
120 Vac
671-292-76
Green
230 Vac 50 Hz
671-292-87-50
Green
130 Vac/dc
Part
Number
Colour
Voltage
Vopr
671-293-87-50
Yellow
130 Vac/dc
671-294-87-50
Blue
130 Vac/dc
The products listed here illustrate all of
the options available to order. These
products may have custom modifications
that alter their operation beyond the
generic information contained within this
datasheet. Please contact sales for
further information.
* = These products do not contain
integral resistors
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 671 - version 2013-12-02-173637
page 3 of 4


Similar Part No. - 671-063-62-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
671-063-62-50 MARL-671-063-62-50 Datasheet
374Kb / 4P
   횠25.4mm mounting Black anodised aluminium housing
More results

Similar Description - 671-063-62-50

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
672-290-2210 MARL-672-290-2210_15 Datasheet
526Kb / 4P
   Colour diffused lens with a large LED indication
logo
Maxim Integrated Produc...
MAX14922EVKIT MAXIM-MAX14922EVKIT Datasheet
496Kb / 8P
   LED Indication of Status and Fault Conditions
Rev 1; 6/20
logo
Shanghai awinic technol...
AW2015 AWINIC-AW2015 Datasheet
1Mb / 35P
   3 Channel LED Drivers with Auto Charging Indication
logo
Maxim Integrated Produc...
MAX14917EVKIT MAXIM-MAX14917EVKIT Datasheet
1Mb / 11P
   LED Indication of Channel Status and Fault Conditions
Rev 0; 4/20
logo
STMicroelectronics
EV-VN7016AJ STMICROELECTRONICS-EV-VN7016AJ Datasheet
513Kb / 7P
   Thermal shutdown indication
logo
PHOENIX CONTACT
IEG45-3LA40021 PHOENIX-IEG45-3LA40021 Datasheet
104Kb / 2P
   Voltage indication module
logo
STMicroelectronics
EV-VN7040AJ STMICROELECTRONICS-EV-VN7040AJ Datasheet
436Kb / 7P
   Thermal shutdown indication
logo
Integrated Device Techn...
IDT82V3012 IDT-IDT82V3012 Datasheet
456Kb / 32P
   Holdover status indication
logo
STMicroelectronics
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
   Thermal shutdown indication
EV-VN7050AS STMICROELECTRONICS-EV-VN7050AS Datasheet
430Kb / 7P
   Thermal shutdown indication
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com