Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMQ401VSN Datasheet(PDF) 4 Page - United Chemi-Con, Inc.

Part # EKMQ401VSN
Description  Downsized snap-ins, 105?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMQ401VSN Datasheet(HTML) 4 Page - United Chemi-Con, Inc.

  EKMQ401VSN Datasheet HTML 1Page - United Chemi-Con, Inc. EKMQ401VSN Datasheet HTML 2Page - United Chemi-Con, Inc. EKMQ401VSN Datasheet HTML 3Page - United Chemi-Con, Inc. EKMQ401VSN Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Downsized snap-ins, 105
Frequency(Hz)
35, 50Vdc
160 to 250Vdc
315 to 450Vdc
50
0.95
0.81
0.77
120
1.00
1.00
1.00
300
1.03
1.17
1.16
1k
1.05
1.32
1.30
10k
1.08
1.45
1.41
50k
1.08
1.50
1.43
◆RATED RIPPLE CURRENT MULTIPLIERS
Frequency Multipliers
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
KMQSeries
(4/4)
CAT. No. E1001M


Similar Part No. - EKMQ401VSN

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMQ401VSN101MP25S CHEMI-CON-EKMQ401VSN101MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
EKMQ401VSN101MP25S CHEMI-CON-EKMQ401VSN101MP25S Datasheet
116Kb / 2P
   Snap Mount
EKMQ401VSN121MP30S CHEMI-CON-EKMQ401VSN121MP30S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
EKMQ401VSN121MP30S CHEMI-CON-EKMQ401VSN121MP30S Datasheet
116Kb / 2P
   Snap Mount
EKMQ401VSN151MP30S CHEMI-CON-EKMQ401VSN151MP30S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKMQ401VSN

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMS181 CHEMI-CON-EKMS181 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMQ161VSN CHEMI-CON-EKMQ161VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105
EKMS401 CHEMI-CON-EKMS401 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMS3B1 CHEMI-CON-EKMS3B1 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
EKMR181 CHEMI-CON-EKMR181 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMQ421VSN CHEMI-CON-EKMQ421VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105?
EKMQ350VSN CHEMI-CON-EKMQ350VSN Datasheet
78Kb / 4P
   Downsized snap-ins, 105..
EKMR161 CHEMI-CON-EKMR161 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR401 CHEMI-CON-EKMR401 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMR351 CHEMI-CON-EKMR351 Datasheet
412Kb / 3P
   Downsized snap-ins, 105?
EKMS201 CHEMI-CON-EKMS201 Datasheet
472Kb / 3P
   Downsized snap-ins, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com