Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4685ESQ33T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4685ESQ33T1G
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4685ESQ33T1G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4685ESQ33T1G Datasheet HTML 1Page - ON Semiconductor NCP4685ESQ33T1G Datasheet HTML 2Page - ON Semiconductor NCP4685ESQ33T1G Datasheet HTML 3Page - ON Semiconductor NCP4685ESQ33T1G Datasheet HTML 4Page - ON Semiconductor NCP4685ESQ33T1G Datasheet HTML 5Page - ON Semiconductor NCP4685ESQ33T1G Datasheet HTML 6Page - ON Semiconductor NCP4685ESQ33T1G Datasheet HTML 7Page - ON Semiconductor NCP4685ESQ33T1G Datasheet HTML 8Page - ON Semiconductor NCP4685ESQ33T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
NCP4682, NCP4685
http://onsemi.com
3
ABSOLUTE MAXIMUM RATINGS
Rating
Unit
Value
Symbol
Power Dissipation UDFN1010
PD
400
mW
Power Dissipation SC−82AB
380
Power Dissipation SOT23
420
Junction Temperature
TJ
−40 to 150
°C
Storage Temperature
TSTG
−55 to 125
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, UDFN 1.0 x 1.0 mm
Thermal Resistance, Junction−to−Air
RqJA
250
°C/W
Thermal Characteristics, SOT23
Thermal Resistance, Junction−to−Air
RqJA
238
°C/W
Thermal Characteristics, SC−82AB
Thermal Resistance, Junction−to−Air
RqJA
263
°C/W
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V or 2.5 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 0.1 mF, unless otherwise noted.
Typical values are at TA = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
(Note 3)
VIN
1.70
5.25
V
Output Voltage
TA = +25 °C
VOUT ≥ 2.0 V
VOUT
x0.992
x1.008
V
VOUT < 2.0 V
−16
16
mV
−40°C ≤ TA ≤ 85°C
VOUT ≥ 2.0 V
x0.985
x1.015
V
VOUT < 2.0 V
−30
30
mV
Output Voltage Temp. Coefficient
−40°C ≤ TA ≤ 85°C
DVOUT /
DTA
±40
ppm/°C
Line Regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 5.0 V
LineReg
0.02
0.10
%/V
Load Regulation
IOUT = 1 mA to 150 mA
LoadReg
10
20
mV
Dropout Voltage
IOUT = 150 mA
1.2 V ≤ VOUT < 1.5 V
VDO
0.76
1.05
V
1.5 V ≤ VOUT < 1.7 V
0.53
0.80
1.7 V ≤ VOUT < 2.0 V
0.44
0.65
2.0 V ≤ VOUT < 2.5 V
0.34
0.50
2.5 V ≤ VOUT < 2.8 V
0.28
0.40
2.8 V ≤ VOUT < 3.3 V
0.24
0.32
Output Current
IOUT
150
mA
Short Current Limit
VOUT = 0 V
ISC
40
mA
Quiescent Current
IQ
1.0
1.5
mA


Similar Part No. - NCP4685ESQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4685ESQ33T1G ONSEMI-NCP4685ESQ33T1G Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4685ESQ33T1G ONSEMI-NCP4685ESQ33T1G Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4685ESQ33T1G ONSEMI-NCP4685ESQ33T1G Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
More results

Similar Description - NCP4685ESQ33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682 Datasheet
445Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com