Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV890430MW25TXG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV890430MW25TXG
Description  Duty Cycle Step?륞own Synchronous Regulator for Automotive
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890430MW25TXG Datasheet(HTML) 1 Page - ON Semiconductor

  NCV890430MW25TXG Datasheet HTML 1Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 2Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 3Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 4Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 5Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 6Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 7Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 8Page - ON Semiconductor NCV890430MW25TXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 0
1
Publication Order Number:
NCV890430/D
NCV890430
0.6 A 2 MHz 100% Duty Cycle
Step‐Down Synchronous
Regulator for Automotive
The NCV890430 is a fixed-frequency Synchronous Buck regulator
intended for Automotive, battery-connected applications that operate
with up to a 45 V input supply. It is suitable for automotive systems
requiring low noise and low shutdown currents that also need to
operate at low input voltage close to the output voltage. A reset pin
(with adjustable delay) simplifies interfacing with a microcontroller.
This part also features an enable input that can either be connected to a
low voltage (such as a micro-controller output) or high voltage (such
as the battery input), and a synchronization input.
The NCV890430 also provides several protection features expected
in automotive power supply systems such as current limit, short circuit
protection, and thermal shutdown. In addition, the high switching
frequency produces low output voltage ripple even when using small
inductor values and all-ceramic input output filter capacitors −
forming a space-efficient switching regulator solution.
Features
Internal 550 mW P-channel and 300 mW N-channel Power Switches
Capable of 100% Duty Cycle Operation
VIN Operating Range 3.5 V to 37 V
Withstands Load Dump to 45 V
2 MHz Free-running Switching Frequency
Low Shutdown Current < 10 mA
High Voltage Enable Pin
Synchronization Input Pin
Maximum DC Output Current of at Least 0.6 A
Fixed Output Voltage (5 V, 3.3 V, 2.5 V Versions)
±2% Output Voltage Accuracy
DFN Package with Wettable Flanks
(Pin Edge Plating per JEDEC MO220)
NCV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q100
Qualified and PPAP Capable
These are Pb−Free Devices
Typical Applications
Automotive Infotainment and Instrumentation
Automotive Body Applications
Linear Regulator Replacement
Rear View Camera
www.onsemi.com
DFN8, 3x3, 0.65P
CASE 506CS
MARKING DIAGRAM
PIN CONNECTIONS
SW
PGND
SYNC
VOUT
VIN
RSTB
GND
EN
18
27
36
45
(DFN8 Top View)
1
V890430−xx = Specific Device Code
xx
= 25, 33 or 50
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
V8904
30−xx
ALYW
G
G
1
(Note: Microdot may be in either location)
See detailed ordering, marking and shipping information on
page 9 of this data sheet.
ORDERING INFORMATION


Similar Part No. - NCV890430MW25TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890430MW25TXG ONSEMI-NCV890430MW25TXG Datasheet
160Kb / 9P
   Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
More results

Similar Description - NCV890430MW25TXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890430 ONSEMI-NCV890430 Datasheet
160Kb / 9P
   Duty Cycle Step-Down Synchronous Regulator
June, 2015 ??Rev. P3
logo
Monolithic Power System...
MP8715 MPS-MP8715 Datasheet
392Kb / 19P
   100% Duty Cycle Synchronous 4A, 21V, 500kHz Step-Down Converter
logo
Linear Technology
LT3514 LINER-LT3514_15 Datasheet
476Kb / 26P
   Triple Step-Down Switching Regulator with 100 Duty Cycle Operation
LT3514 LINER-LT3514 Datasheet
330Kb / 6P
   Triple Step-Down Switching Regulator with 100% Duty Cycle Operation
logo
Monolithic Power System...
MP2116 MPS-MP2116 Datasheet
532Kb / 13P
   2A, 6V, 100% Duty Cycle Synchronous Step-Down Converter with 0.5A LDO
logo
Linear Technology
LT3504 LINER-LT3504_15 Datasheet
491Kb / 24P
   Quad 40V/1A Step-Down Switching Regulator with 100 Duty Cycle Operation
logo
ams AG
AS1341 AMSCO-AS1341 Datasheet
841Kb / 16P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
AS1341 AMSCO-AS1341_1 Datasheet
925Kb / 17P
   20V, 600mA, 100% Duty Cycle, Step-Down Converter
logo
Analog Devices
ADP2102 AD-ADP2102_15 Datasheet
792Kb / 24P
   Low Duty Cycle, 600 mA, 3 MHz Synchronous Step-Down DC-to-DC Converter
REV. B
logo
Semtech Corporation
SC221 SEMTECH-SC221 Datasheet
921Kb / 14P
   Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com