Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4683DMU185TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4683DMU185TCG
Description  300 mA, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4683DMU185TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4683DMU185TCG Datasheet HTML 1Page - ON Semiconductor NCP4683DMU185TCG Datasheet HTML 2Page - ON Semiconductor NCP4683DMU185TCG Datasheet HTML 3Page - ON Semiconductor NCP4683DMU185TCG Datasheet HTML 4Page - ON Semiconductor NCP4683DMU185TCG Datasheet HTML 5Page - ON Semiconductor NCP4683DMU185TCG Datasheet HTML 6Page - ON Semiconductor NCP4683DMU185TCG Datasheet HTML 7Page - ON Semiconductor NCP4683DMU185TCG Datasheet HTML 8Page - ON Semiconductor NCP4683DMU185TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
© Semiconductor Components Industries, LLC, 2016
February, 2016 − Rev. 3
1
Publication Order Number:
NCP4683/D
NCP4683
300 mA, Low Dropout
Regulator
The NCP4683 is a CMOS Linear voltage regulator with 300 mA
output current capability. The device has high output voltage accuracy,
low supply current and high ripple rejection. The NCP4683 is easy to
use, with output current fold−back protection circuit included. A Chip
Enable function is included to save power by lowering supply current.
The line and load transient responses are very good, thus this regulator
is suitable for use as a power supply for communication equipment.
Features
Operating Input Voltage Range: 1.40 V to 5.25 V
Output Voltage Range: 0.8 V to 3.6 V (available in 0.1 V steps)
Output Voltage Accuracy: ±1.0% (VOUT > 2.0 V)
Supply Current: 50 mA
Dropout Voltage: 0.25 V (IOUT = 300 mA, VOUT = 2.8 V)
High PSRR: 70 dB (f = 1 kHz)
Line Regulation: 0.02%/V Typ.
Stable with Ceramic Capacitors: 1.0 mF or more
Current Fold Back Protection
Available in UDFN4 1.0 x 1.0 mm, SC−70, SOT23 Packages
These are Pb−Free Devices
Typical Applications
Battery−powered Equipment
Networking and Communication Equipment
Cameras, DVRs, STB and Camcorders
Home Appliances
VIN
VOUT
CE
GND
C1
C2
VIN
VOUT
NCP4683x
Figure 1. Typical Application Schematic
1
m
1
m
www.onsemi.com
See detailed ordering, marking and shipping information in the
package dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
XX, XXX, XXXX = Specific Device Code
M, MM
= Date Code
MARKING
DIAGRAMS
SOT−23−5
CASE 1212
SC−70
CASE 419A
1
UDFN4
CASE 517BR
XX
MM
1
XXX
XMM
XXX
M
www.onsemi.com


Similar Part No. - NCP4683DMU185TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4683DMU185TCG ONSEMI-NCP4683DMU185TCG Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
More results

Similar Description - NCP4683DMU185TCG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com