Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5380 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5380
Description  7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5380 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5380_12 Datasheet HTML 1Page - ON Semiconductor NCP5380_12 Datasheet HTML 2Page - ON Semiconductor NCP5380_12 Datasheet HTML 3Page - ON Semiconductor NCP5380_12 Datasheet HTML 4Page - ON Semiconductor NCP5380_12 Datasheet HTML 5Page - ON Semiconductor NCP5380_12 Datasheet HTML 6Page - ON Semiconductor NCP5380_12 Datasheet HTML 7Page - ON Semiconductor NCP5380_12 Datasheet HTML 8Page - ON Semiconductor NCP5380_12 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
NCP5380, NCP5380A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS VCC = 5.0 V, FBRTN = 112.5 mV, VVID = 1.25 V, TA = 0°C to 85°C (NCP5380), TA = −40°C to
100°C (NCP5380A), unless otherwise noted (Note 1). Current entering a pin (sunk by the device) has a positive sign.
Parameter
Unit
Max
Typ
Min
Conditions
Symbol
CURRENT SENSE AMPLIFIER
Offset Voltage
VOS(CSA
)
CSFB − CSREF
−1.4
+1.4
mV
Input Bias Current
IBIAS(CS
FB)
−50
+50
nA
Gain Bandwidth Product (Note 2)
GBW(CS
A)
20
MHz
Slew Rate (Note 2)
CCSCOMP = 10 pF
10
V/ms
Input Common−Mode Range (Note
2)
CSFB and CSREF
0
2
V
Output Voltage Range
VCSCOM
P
0.05
2
V
Output Current
ICSCOMP
Source current
−650
mA
Sink current
1
mA
SWITCH AMPLIFIER
Common−Mode Range (Note 2)
VSW
−400
+200
mV
Input Resistance
RSW
0.8
1.5
2.0
kW
Zero Current Switching Threshold
VZCS(SW
)
DCM Mode
−6
mV
DCM Minimum Off Time Masking
tOFFMAS
K
SW falling
700
ns
CURRENT LIMIT COMPARATOR
ILIM Voltage
VILIM
VCSCOM
P
RILIMIT = 5 kW,
VCSREF − VCSCOMP = 100 mV
−70
−100
−130
mV
VILIM
VCSCOM
P
RILIMIT = 5 kW,
VCSREF − VCSCOMP = 0 mV
−1
0
1
mV
Current Limit Latch Off Delay
From OCP Event to PWRGD De−asser-
tion
8
ms
SOFT−START
Soft−Start Time
tss
From FB = 0V to FB = Vboot
1.4
ms
Soft−Start Delay
From EN POS Edge to FB = 50 mV
200
ms
SOFT TRANSIENT CONTROL
Output Voltage Positive Slew Rate
10
12.5
15
mV⁄ms
Output Voltage Negative Slew Rate
−10
−12.5
−15
mV⁄ms
Extended PWRGD Masking
Comparator Threshold
VTH(ST)
|ST − VVID|, ST falling
150
mV
SYSTEM LOGIC INPUTS
Input Voltage
VEN
Refers to driving signal level
Logic low, Isink = 1 mA
0.3
V
Logic high, Isource = −5 mA
0.7
V
Input Current
IEN
VEN,VID[1:7] = 0 V
10
nA
0.2 V < VEN,VID[1:7] ≤ VCC
1
mA
1. All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC).
2. Guaranteed by design or bench characterization, not production tested.


Similar Part No. - NCP5380_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380A ONSEMI-NCP5380A Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
NCP5380MNR2G ONSEMI-NCP5380MNR2G Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
More results

Similar Description - NCP5380_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com