Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4683 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4683
Description  300 mA, Low Dropout Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4683 Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4683_16 Datasheet HTML 1Page - ON Semiconductor NCP4683_16 Datasheet HTML 2Page - ON Semiconductor NCP4683_16 Datasheet HTML 3Page - ON Semiconductor NCP4683_16 Datasheet HTML 4Page - ON Semiconductor NCP4683_16 Datasheet HTML 5Page - ON Semiconductor NCP4683_16 Datasheet HTML 6Page - ON Semiconductor NCP4683_16 Datasheet HTML 7Page - ON Semiconductor NCP4683_16 Datasheet HTML 8Page - ON Semiconductor NCP4683_16 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
NCP4683
www.onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 3. Output Voltage vs. Output Current
1.2 V Version (TJ = 255C)
IOUT (mA)
VIN = 5.25 V
4.2 V
5.0 V
3.6 V
3.5 V
2.2 V
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
100
200
300
400
500
600
700
IOUT (mA)
Figure 4. Output Voltage vs. Output Current
1.8 V Version (TJ = 255C)
VIN = 5.25 V
4.2 V
5.0 V
2.8 V
2.8 V
0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
200
300
400
500
600
700
Figure 5. Output Voltage vs. Output Current
2.8 V Version (TJ = 255C)
IOUT (mA)
3.8 V
VIN = 5.25 V
4.2 V
5.0 V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
500
600
700
Figure 6. Output Voltage vs. Output Current
3.3 V Version (TJ = 255C)
IOUT (mA)
VIN = 5.25 V
5.0 V
4.3 V
IOUT (mA)
Figure 7. Dropout Voltage vs. Output Current
1.2 V Version
TJ = 85°C
25
°C
−40
°C
IOUT (mA)
Figure 8. Dropout Voltage vs. Output Current
1.8 V Version
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
100
200
300
400
500
600
700
TJ = 85°C
25
°C
−40
°C
0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
250
300
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
50
100
150
200
250
300


Similar Part No. - NCP4683_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4683DMU12TCG ONSEMI-NCP4683DMU12TCG Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
NCP4683DMU185TCG ONSEMI-NCP4683DMU185TCG Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
NCP4683DMU18TCG ONSEMI-NCP4683DMU18TCG Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
NCP4683DMU285TCG ONSEMI-NCP4683DMU285TCG Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
NCP4683DMU31TCG ONSEMI-NCP4683DMU31TCG Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
More results

Similar Description - NCP4683_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
logo
Unisonic Technologies
UTCLM2954 UTC-UTCLM2954 Datasheet
78Kb / 6P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
LM2954 UTC-LM2954 Datasheet
87Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
MC33275 ONSEMI-MC33275_05 Datasheet
168Kb / 15P
   300 mA, Low Dropout Voltage Regulator
December, 2005 ??Rev. 15
logo
Unisonic Technologies
LM2954 UTC-LM2954_10 Datasheet
177Kb / 7P
   300 mA LOW-DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com