Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP717BMX285TCG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP717BMX285TCG
Description  Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP717BMX285TCG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP717BMX285TCG Datasheet HTML 1Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 2Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 3Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 4Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 5Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 6Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 7Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 8Page - ON Semiconductor NCP717BMX285TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2015
November, 2015 − Rev. 8
1
Publication Order Number:
NCP717/D
NCP717
300 mA, Very-Low
Quiescent Current, IQ 25 mA,
Low Noise, Low Dropout
Regulator
The NCP717 is 300 mA LDO that provides the engineer with a very
stable, accurate voltage with very low noise suitable for space
constrained, noise sensitive applications. In order to optimize
performance for battery operated portable applications, the NCP717
employs the dynamic quiescent current adjustment for very low IQ
consumption at no−load.
Features
Operating Input Voltage Range: 1.8 V to 5.5 V
Available in Fixed Voltage Options: 0.8 V to 5 V
Contact Factory for Other Voltage Options
Very Low Quiescent Current of Typ. 25 mA
Very Low Noise: 22 mVRMS from 100 Hz to 100 kHz
Low Dropout: 175 mV Typical at 300 mA
±2% Accuracy Over Load/Line/Temperature
High Power Supply Ripple Rejection: 70 dB at 1 kHz
Thermal Shutdown and Current Limit Protections
Stable with a 1 mF Ceramic Output Capacitor
Available in XDFN 1.0 x 1.0 mm Package
These are Pb−Free Devices
Typical Applicaitons
PDAs, Mobile phones, GPS, Smartphones
Wireless Handsets, Wireless LAN, Bluetooth®, Zigbee®
Portable Medical Equipment
Other Battery Powered Applications
Figure 1. Typical Application Schematic
NCP717
IN
EN
OUT
GND
OFF
ON
VOUT
COUT
1
mF
Ceramic
CIN
VIN
XDFN4
MX SUFFIX
CASE 711AJ
MARKING
DIAGRAM
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 15 of this data sheet.
ORDERING INFORMATION
PIN CONNECTION
1
X
= Specific Device Code
M
= Date Code
X M
1
43
2
1
OUT
GND
IN
EN
(Top View)
EPAD


Similar Part No. - NCP717BMX285TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP717BMX285TCG ONSEMI-NCP717BMX285TCG Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
More results

Similar Description - NCP717BMX285TCG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA4905-V3 ETC-BA4905-V3 Datasheet
16Kb / 1P
   Regulator
logo
Solid States Devices, I...
LA0010D SSDI-LA0010D_15 Datasheet
134Kb / 3P
   REGULATOR
LA0010D SSDI-LA0010D Datasheet
134Kb / 3P
   REGULATOR
logo
Vicor Corporation
P036F048T12AL VICOR-P036F048T12AL_12 Datasheet
1Mb / 14P
   Regulator
PRM48BF480T400A00 VICOR-PRM48BF480T400A00 Datasheet
1Mb / 22P
   Regulator
logo
List of Unclassifed Man...
STR212 ETC-STR212 Datasheet
202Kb / 3P
   REGULATOR
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
ON Semiconductor
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
logo
AiT Semiconductor Inc.
A6306 AITSEMI-A6306 Datasheet
487Kb / 10P
   REGULATOR 300mA HIGH PSRR, LINEAR REGULATOR
REV1.0
logo
Hitachi Semiconductor
HA17431H HITACHI-HA17431H Datasheet
146Kb / 15P
   Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com