Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3011 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3011
Description  Synchronous PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3011 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3011_15 Datasheet HTML 5Page - ON Semiconductor NCP3011_15 Datasheet HTML 6Page - ON Semiconductor NCP3011_15 Datasheet HTML 7Page - ON Semiconductor NCP3011_15 Datasheet HTML 8Page - ON Semiconductor NCP3011_15 Datasheet HTML 9Page - ON Semiconductor NCP3011_15 Datasheet HTML 10Page - ON Semiconductor NCP3011_15 Datasheet HTML 11Page - ON Semiconductor NCP3011_15 Datasheet HTML 12Page - ON Semiconductor NCP3011_15 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
NCP3011, NCV3011
www.onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 15. SYNC Threshold vs. Input Voltage and
Temperature
TEMPERATURE (
°C)
125
110
50
5
−40
1.0
1.2
1.4
1.6
1.8
2.0
Vin = 12 V, 28 V
−25 −10
20
35
65
80
95
Vin = 5 V
Figure 16. Valley Voltage vs. Input Voltage and
Temperature
TEMPERATURE (
°C)
125
110
50
5
−40
400
450
500
550
600
650
700
−25 −10
20
35
65
80
95
750
800
850
900
Vin = 5 − 28 V
950
1000
Input = 16 V, Output = 3.3 V, Load = 5 A
C1 (Blue) = VSW, C2 (Light Blue) = VOUT
C3 (Magenta) = Power Good, C4 (Green) = Enable
Figure 17. External Reference Voltage vs. Input
Voltage and Temperature
TEMPERATURE (
°C)
125
110
50
5
−40
1.23
1.235
1.24
1.245
1.25
1.255
1.26
Vin = 12 V, 28 V
−25 −10
20
35
65
80
95
Vin = 5 V
Figure 18. External Reference Voltage vs. Input
Voltage and Temperature
Figure 19. Soft−Start Waveforms
Figure 20. Soft−Stop Waveforms
TEMPERATURE (
°C)
125
110
50
5
−40
−1.0
−0.8
−0.6
−0.4
−0.2
0
0.2
−25 −10
20
35
65
80
95
0.4
0.6
0.8
1.0
Vin = 5 V
Vin = 12 V, 28 V
Input = 16 V, Output = 3.3 V, Load = 5 A
C1 (Blue) = VSW, C2 (Light Blue) = VOUT
C3 (Magenta) = Power Good, C4 (Green) = Enable


Similar Part No. - NCP3011_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3011DTBR2G ONSEMI-NCP3011DTBR2G Datasheet
70Kb / 1P
   Synchronous PWM Controller
October, 2009 Rev. P1
NCP3011DTBR2G ONSEMI-NCP3011DTBR2G Datasheet
469Kb / 29P
   Synchronous PWM Controller
July, 2018 - Rev. 5
NCP3011 ONSEMI-NCP3011_V01 Datasheet
469Kb / 29P
   Synchronous PWM Controller
July, 2018 - Rev. 5
More results

Similar Description - NCP3011_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
   SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
   Synchronous PWM Controller
June, 2011 ??Rev. 3
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
   Synchronous PWM Controller
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3012 ONSEMI-NCP3012 Datasheet
354Kb / 26P
   Synchronous PWM Controller
May, 2010 ??Rev. 0
NCV3020ADR2G ONSEMI-NCV3020ADR2G Datasheet
778Kb / 23P
   Synchronous PWM Controller
January, 2013 ??Rev. 6
NCP3030A ONSEMI-NCP3030A Datasheet
375Kb / 23P
   Synchronous PWM Controller
April, 2011 ??Rev. 1
logo
Anachip Corp
AP2003 ANACHIP-AP2003 Datasheet
132Kb / 6P
   Synchronous PWM Controller
logo
ON Semiconductor
NCP3020A ONSEMI-NCP3020A_10 Datasheet
759Kb / 23P
   Synchronous PWM Controller
November, 2010 ??Rev. 3
NCP3020A ONSEMI-NCP3020A Datasheet
534Kb / 23P
   Synchronous PWM Controller
November, 2009 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com