Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1605BDR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP1605BDR2G
Description  Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1605BDR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP1605BDR2G Datasheet HTML 1Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 2Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 3Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 4Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1605BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
NCP1605, NCP1605A, NCP1605B
www.onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
(Conditions: VCC = 16 V, VHV = 50 V, VPin2 = 2 V, VPin13 = 0 V, TJ from 0°C to +125°C, unless otherwise specified;
For NCP1605DR2G: for typical values TJ = 25°C, for min/max values TJ = −55°C to +125°C, unless otherwise specified) (Note 7)
Symbol
Rating
Min
Typ
Max
Unit
Gate Drive Section
Trise
Output Voltage Rise Time @ CL = 1 nF, from 1 V to 10 V
40
ns
Tfall
Output Voltage Fall Time @ CL = 1 nF, from 10 V to 1 V
20
ns
ROH
Source Resistance @ IPin10 = 100 mA
15
25
W
Isource
Source Current capability (@ VPin10 = 0 V)
500
mA
ROL
Sink Resistance @ IPin10 = 100 mA
7
15
W
Isink
Sink Current Capability (@ VPin10 = 10 V)
800
mA
Regulation Block
VREF
Voltage Reference
NCP1605/A
NCP1605B
2.425
2.430
2.500
2.500
2.575
2.550
V
IEA
Error Amplifier Current Capability
±20
mA
GEA
Error Amplifier Gain
100
200
300
mS
IBPin4
Pin 4 Bias Current @ VPin4 = VREF
−500
500
nA
VCONTROL
− VCONTROLMAX
− VCONTROLMIN
D VCONTROLl
Pin 2 Voltage:
− @ VPin4 = 2 V
− @ VPin4 = 3 V
2.7
3.6
0.6
3.0
3.3
V
VOUTL / VREF
Ratio (VOUT Low Detect Threshold / VREF) (Note 6)
95.0
95.5
96.0
%
HOUTL / VREF
Ratio (VOUT Low Detect Hysteresis / VREF) (Note 6)
0.5
%
IBOOST
Pin 2 Source Current when (VOUT Low Detect) is activated
190
240
290
mA
Shutdown Block
ILEAKAGE
Current Sourced by Pin 13 @ VPin14 = 2.3 V
−500
500
nA
VSTDWN
Pin 13 Threshold for Shutdown
2.375
2.500
2.625
V
Over and Under Voltage Protections
VOVP
Overvoltage Protection Threshold
2.425
2.500
2.575
V
VOVP / VREF
Ratio (VOVP / VREF) (Note 5)
99.5
100.0
100.5
%
VUVP / VREF
Ratio UVP threshold over VREF
8
12
16
%
IBPin14
Pin 13 Bias Current:
@ VPin14 = VOVP
@ VPin14 = VUVP
−500
−500
500
500
nA
Ramp Control
IRAMP − 1.00 V
Pin 7 Source Current: @ VPin4 = 1.00 V
TJ = 0°C to +125°C
NCP1605, TJ = −40°C to +125°C
NCP1605, TJ = −55°C to +125°C
54
52
51
60
69
69
69
mA
IRAMP − 1.75 V
IRAMP − 2.50 V
Pin 7 Source Current:
@ VPin4 = 1.75 V
@ VPin4 = 2.50 V
156
313
182
370
214
428
mA
Vcl_ff
Pin 7 Clamp Voltage @ VPin4 = VPin2 = 2 V and VPin6 = 0 V
5
V
VCLCRM
Pin 7 Clamp Voltage @ VPin4 = 0 V, VPin2 = 2 V and VPin6 = 1 V
0.9
1
1.1
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
5. Not tested; guaranteed by characterization
6. Not tested; guaranteed by design
7. For coldest temperature, QA sampling at −40
°C in production and −55°C specification is Guaranteed by Characterization.


Similar Part No. - NCP1605BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
More results

Similar Description - NCP1605BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1605 ONSEMI-NCP1605 Datasheet
617Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
April, 2009 ??Rev. 7
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
725Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605 ONSEMI-NCP1605_12 Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
NCP1605BDR2G ONSEMI-NCP1605BDR2G Datasheet
750Kb / 32P
   Enhanced, High Voltage and Efficient Standby Mode, Power Factor Controller
May, 2012 ??Rev. 11
logo
Linear Technology
LT1508 LINER-LT1508 Datasheet
337Kb / 16P
   Power Factor and PWM Controller(Voltage Mode)
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com