Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1595AMNTWG Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP1595AMNTWG
Description  Synchronous GBuck Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1595AMNTWG Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP1595AMNTWG Datasheet HTML 5Page - ON Semiconductor NCP1595AMNTWG Datasheet HTML 6Page - ON Semiconductor NCP1595AMNTWG Datasheet HTML 7Page - ON Semiconductor NCP1595AMNTWG Datasheet HTML 8Page - ON Semiconductor NCP1595AMNTWG Datasheet HTML 9Page - ON Semiconductor NCP1595AMNTWG Datasheet HTML 10Page - ON Semiconductor NCP1595AMNTWG Datasheet HTML 11Page - ON Semiconductor NCP1595AMNTWG Datasheet HTML 12Page - ON Semiconductor NCP1595AMNTWG Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NCP1595, NCP1595A, NCP1595C
http://onsemi.com
10
PROTECTIONS
Undervoltage Lockout (UVLO)
The under voltage lockout feature prevents the controller
from switching when the input voltage is too low to power
the internal power supplies and reference. Hysteresis must
be incorporated in the UVLO comparator to prevent IxR
drops in the wiring or PCB traces from causing ON/OFF
cycling of the controller during heavy loading at power up
or power down.
Overcurrent Protection (OCP)
NCP1595/A/C detects high side switch current and then
compares to a voltage level representing the overcurrent
threshold limit. If the current through the high side FET
exceeds the overcurrent threshold limit for seven
consecutive switching cycles, overcurrent protection is
triggered.
Once the overcurrent protection occurs, hiccup mode
engages. First, hiccup mode, turns off both FETs and
discharges the internal compensation network at the output
of the OTA. Next, the IC waits typically 2 ms and then resets
the overcurrent counter. After this reset, the circuit attempts
another normal soft−start. During soft−start, the overcurrent
protection threshold is increased to prevent false
overcurrent detection while charging the output capacitors.
Hiccup mode reduces input supply current and power
dissipation during a short circuit. It also allows for much
improved system up−time, allowing auto−restart upon
removal of a temporary short−circuit.
Power Save Mode
If the load current decreases, the converter can skip
switching and operate with reduced frequency. This
minimizes the quiescent current and maintains high
efficiency. NCP1595C disables this feature.
Pre−Bias Startup
In some applications the controller will be required to start
switching when it’s output capacitors are charged anywhere
from slightly above 0 V to just below the regulation voltage.
This situation occurs for a number of reasons: the
converter’s output capacitors may have residual charge on
them or the converter’s output may be held up by a low
current standby power supply. NCP1595/A/C supports
pre−bias start up by holding switching off until the soft−start
ramp reaches the FB Pin voltage.
Thermal Shutdown
The NCP1595/A/C protects itself from over heating with
an internal thermal monitoring circuit. If the junction
temperature exceeds the thermal shutdown threshold both
the upper and lower MOSFETs will be shut OFF.


Similar Part No. - NCP1595AMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1595AMNTWG ONSEMI-NCP1595AMNTWG Datasheet
347Kb / 13P
   1 MHz, 1.5 A Synchronous Buck Regulator
April, 2013 ??Rev. 10
More results

Similar Description - NCP1595AMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1597 ONSEMI-NCP1597_13 Datasheet
346Kb / 13P
   Synchronous Buck Regulator
April, 2013 ??Rev. 3
logo
Richtek Technology Corp...
RT4805B RICHTEK-RT4805B Datasheet
1Mb / 23P
   Synchronous Boost Regulator
logo
Altera Corporation
ER3110DI ALTERA-ER3110DI Datasheet
2Mb / 23P
   Synchronous Buck Regulator
logo
Sanken electric
NR885E SANKEN-NR885E Datasheet
627Kb / 12P
   Synchronous Buck Regulator
logo
Linear Technology
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
   Monolithic Synchronous Regulator
logo
ON Semiconductor
FAN53701 ONSEMI-FAN53701 Datasheet
320Kb / 13P
   Synchronous Buck Regulator
January, 2017 ??Rev. 1
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ3101 AOSMD-AOZ3101 Datasheet
878Kb / 14P
   2A Synchronous EZBuckTM Regulator
logo
Renesas Technology Corp
ISL8002B RENESAS-ISL8002B Datasheet
1Mb / 22P
   Compact Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com