Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1028P065G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP1028P065G
Description  High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1028P065G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP1028P065G Datasheet HTML 1Page - ON Semiconductor NCP1028P065G Datasheet HTML 2Page - ON Semiconductor NCP1028P065G Datasheet HTML 3Page - ON Semiconductor NCP1028P065G Datasheet HTML 4Page - ON Semiconductor NCP1028P065G Datasheet HTML 5Page - ON Semiconductor NCP1028P065G Datasheet HTML 6Page - ON Semiconductor NCP1028P065G Datasheet HTML 7Page - ON Semiconductor NCP1028P065G Datasheet HTML 8Page - ON Semiconductor NCP1028P065G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
NCP1028
www.onsemi.com
2
85−265 VAC
+
BO
+
+
1
2
3
4
5
7
8
NCP1028
OPP*
+
Vout
GND
Figure 1. Typical Application
Ramp
Comp.*
*Optional component
PIN FUNCTION DESCRIPTION
Pin No.
Symbol
Function
Description
1
VCC
Powers the Internal
Circuitry
This pin is connected to an external capacitor of typically 22
mF.
2
Ramp Comp.
Ramp Compensation
in CCM
To extend the duty cycle operation in Continuous Conduction Mode (CCM),
pin 3 offers the ability to inject ramp compensation in the controller. If unused,
short this pin to VCC.
3
Brown−Out
Brown−Out and
Latchoff Input
By monitoring the bulk level via a resistive network, the circuit protects itself
from low mains conditions. If an external event brings this pin above 4.0 V,
the part fully latches off.
4
FB
Feedback Signal Input
By connecting an optocoupler to this pin, the peak current setpoint is adjusted
accordingly to the output power demand.
5
Drain
Drain Connection
The internal drain power switch circuit connection.
This unconnected pin ensures adequate creepage distance.
7
OPP
Over Power Protection
Driving this pin reduces the power supply capability in high line conditions. If
no Over Power Protection is needed, short this pin to ground.
8
GND
The IC Ground


Similar Part No. - NCP1028P065G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1028P065G ONSEMI-NCP1028P065G Datasheet
633Kb / 29P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2007 ??Rev. 0
More results

Similar Description - NCP1028P065G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1027 ONSEMI-NCP1027_15 Datasheet
526Kb / 30P
   High-Voltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2015 ??Rev. 5
NCP1027 ONSEMI-NCP1027 Datasheet
600Kb / 30P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
December, 2006 ??Rev. 3
NCP1028 ONSEMI-NCP1028 Datasheet
633Kb / 29P
   High?뭋oltage Switcher for Medium Power Offline SMPS Featuring Low Standby Power
January, 2007 ??Rev. 0
NCP1072 ONSEMI-NCP1072 Datasheet
814Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1072 ONSEMI-NCP1072 Datasheet
810Kb / 26P
   High-Voltage Switcher for Low Power Offline SMPS
November, 2012 ??Rev. 2
NCP1075P065G ONSEMI-NCP1075P065G Datasheet
839Kb / 28P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2014 ??Rev. 0
NCP1060 ONSEMI-NCP1060_17 Datasheet
389Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
October, 2017 ??Rev. 7
NCP1070 ONSEMI-NCP1070_16 Datasheet
796Kb / 30P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 7
NCP1060 ONSEMI-NCP1060_16 Datasheet
390Kb / 31P
   High-Voltage Switcher for Low Power Offline SMPS
April, 2016 ??Rev. 3
NCP10670B ONSEMI-NCP10670B Datasheet
423Kb / 25P
   High-Voltage Switcher for Low Power Offline SMPS
February, 2019 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com