Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP706MX295TAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP706MX295TAG
Description  Precision Very Low Dropout Voltage Regulator with Enable
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP706MX295TAG Datasheet(HTML) 2 Page - ON Semiconductor

  NCP706MX295TAG Datasheet HTML 1Page - ON Semiconductor NCP706MX295TAG Datasheet HTML 2Page - ON Semiconductor NCP706MX295TAG Datasheet HTML 3Page - ON Semiconductor NCP706MX295TAG Datasheet HTML 4Page - ON Semiconductor NCP706MX295TAG Datasheet HTML 5Page - ON Semiconductor NCP706MX295TAG Datasheet HTML 6Page - ON Semiconductor NCP706MX295TAG Datasheet HTML 7Page - ON Semiconductor NCP706MX295TAG Datasheet HTML 8Page - ON Semiconductor NCP706MX295TAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NCP706
www.onsemi.com
2
Figure 2. Simplified Internal Schematic Block Diagram
PIN FUNCTION DESCRIPTION
Pin No.
XDFN8
Pin Name
Description
1
OUT
Regulated output voltage. A minimum 4.7
mF ceramic capacitor is needed from this pin to ground to
assure stability.
2
OUT
3
N/C
Not connected. This pin can be tied to ground to improve thermal dissipation.
4
SNS
Remote sense connection. This pin should be connected to the output voltage rail.
5
GND
Power supply ground.
6
EN
Enable pin. Driving EN over 0.9 V turns on the regulator. Driving EN below 0.4 V puts the regulator
into shutdown mode.
7
IN
Input pin. A small capacitor is needed from this pin to ground to assure stability.
8
IN
Exposed
Pad
This pad enhances thermal performance and is electrically connected to GND. It is recommended
that the exposed pad is connected to the ground plane on the board or otherwise left open.


Similar Part No. - NCP706MX295TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706MX295TAG ONSEMI-NCP706MX295TAG Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
NCP706MX295TAG ONSEMI-NCP706MX295TAG Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 8
More results

Similar Description - NCP706MX295TAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP706 ONSEMI-NCP706 Datasheet
505Kb / 12P
   1A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2013 ??Rev. 2
NCP706B ONSEMI-NCP706B Datasheet
203Kb / 10P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
March, 2015 ??Rev. 2
NCP708 ONSEMI-NCP708 Datasheet
80Kb / 6P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
April, 2015 ??Rev. 1
NCP706 ONSEMI-NCP706_15 Datasheet
621Kb / 16P
   1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
July, 2015 ??Rev. 7
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
NCP706 ONSEMI-NCP706_17 Datasheet
621Kb / 16P
   Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 8
NCP706A ONSEMI-NCP706A Datasheet
330Kb / 9P
   Precision Very Low Dropout Voltage Regulator
November, 2014 ??Rev. 0
logo
Semtech Corporation
SC4212 SEMTECH-SC4212_11 Datasheet
248Kb / 9P
   Very Low Input /Very Low Dropout 1Amp Regulator With Enable
SC4212 SEMTECH-SC4212 Datasheet
636Kb / 9P
   Very Low Input /Very Low Dropout 1Amp Regulator With Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com