Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMH181VSN Datasheet(PDF) 6 Page - United Chemi-Con, Inc.

Part # EKMH181VSN
Description  Snap Mount
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMH181VSN Datasheet(HTML) 6 Page - United Chemi-Con, Inc.

Back Button EKMH181VSN Datasheet HTML 2Page - United Chemi-Con, Inc. EKMH181VSN Datasheet HTML 3Page - United Chemi-Con, Inc. EKMH181VSN Datasheet HTML 4Page - United Chemi-Con, Inc. EKMH181VSN Datasheet HTML 5Page - United Chemi-Con, Inc. EKMH181VSN Datasheet HTML 6Page - United Chemi-Con, Inc. EKMH181VSN Datasheet HTML 7Page - United Chemi-Con, Inc. EKMH181VSN Datasheet HTML 8Page - United Chemi-Con, Inc. EKMH181VSN Datasheet HTML 9Page - United Chemi-Con, Inc. EKMH181VSN Datasheet HTML 10Page - United Chemi-Con, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
25 Volts
32 Volts Surge
16 Volts
20 Volts Surge
10 Volts
13 Volts Surge
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
38
KMH Series
6,800
EKMH160VSN682MP25T
22
25
P25
0.098
1.57
10,000
EKMH160VSN103MP30T
22
30
P30
0.066
1.97
12,000
EKMH160VSN123MP35T
22
35
P35
0.055
2.22
15,000
EKMH160VSN153MP40T
22
40
P40
0.044
2.55
18,000
EKMH160VSN183MP45T
22
45
P45
0.037
2.87
10,000
EKMH160VSN103MQ25T
25.4
25
Q25
0.066
1.97
12,000
EKMH160VSN123MQ30T
25.4
30
Q30
0.055
2.24
15,000
EKMH160VSN153MQ35T
25.4
35
Q35
0.044
2.58
18,000
EKMH160VSN183MQ40T
25.4
40
Q40
0.037
2.92
22,000
EKMH160VSN223MQ45T
25.4
45
Q45
0.03
3.32
27,000
EKMH160VSN273MQ50T
25.4
50
Q50
0.025
3.78
12,000
EKMH160VSN123MR25T
30
25
R25
0.055
2.45
15,000
EKMH160VSN153MR25T
30
25
R25
0.044
2.52
18,000
EKMH160VSN183MR30T
30
30
R30
0.037
2.88
22,000
EKMH160VSN223MR35T
30
35
R35
0.03
3.29
27,000
EKMH160VSN273MR40T
30
40
R40
0.025
3.77
33,000
EKMH160VSN333MR45T
30
45
R45
0.02
4.3
39,000
EKMH160VSN393MR50T
30
50
R50
0.017
4.81
18,000
EKMH160VSN183MA25T
35
25
A25
0.037
2.92
22,000
EKMH160VSN223MA25T
35
25
A25
0.03
3.23
27,000
EKMH160VSN273MA30T
35
30
A30
0.025
3.45
33,000
EKMH160VSN333MA35T
35
35
A35
0.02
4.26
39,000
EKMH160VSN393MA40T
35
40
A40
0.017
4.79
47,000
EKMH160VSN473MA45T
35
45
A45
0.014
5.43
68,000
EKMH160VSN683MA63T
35
63
A63
0.012
6.36
100,000
EKMH160VSN104MA80T
35
80
A80
0.009
8.25
33,000
EKMH160VQT333MB25T
40
25
B25
0.027
3.64
39,000
EKMH160VQT333MB30T
40
30
B30
0.021
4.15
47,000
EKMH160VQT333MB35T
40
35
B35
0.018
4.72
56,000
EKMH160VQT333MB40T
40
40
B40
0.015
5.31
82,000
EKMH160VQT333MB50T
40
50
B50
0.012
6.83
100,000
EKMH160VQT333MB63T
40
63
B63
0.010
8.05
150,000
EKMH160VQT333MB80T
40
80
B80
0.008
10.73
100,000
EKMH100VSN104MA63T
35
63
A63
0.011
6.9
120,000
EKMH100VSN124MA80T
35
80
A80
0.009
8.08
39,000
EKMH100VQT393MB25T
40
25
B25
0.027
3.54
56,000
EKMH100VQT563MB30T
40
30
B30
0.021
4.44
68,000
EKMH100VQT683MB35T
40
35
B35
0.018
5.08
82,000
EKMH100VQT823MB40T
40
40
B40
0.015
5.75
120,000
EKMH100VQT124MB50T
40
50
B50
0.012
7.39
150,000
EKMH100VQT154MB63T
40
63
B63
0.009
8.82
180,000
EKMH100VQT184MB80T
40
80
B80
0.008
10.51
Standard Voltage Ratings - Snap Mount
Rated
Voltage
(WVDC)
Capacitance
(µF )
Case
Size
Code
Global
Part Number
Nominal
Case Size*
D
L ( mm )
Maximum ESR
(
Ω) at
20 C, 120Hz
Rated
Ripple Current
(A rms) at
105 C, 120Hz
4,700
EKMH250VSN472MP25T
22
25
P25
0.106
1.5
5,600
EKMH250VSN562MP25T
22
25
P25
0.089
1.63
6,800
EKMH250VSN682MP30T
22
30
P30
0.073
1.86
8,200
EKMH250VSN822MP35T
22
35
P35
0.061
2.11
10,000
EKMH250VSN103MP40T
22
40
P40
0.05
2.39
12,000
EKMH250VSN123MP45T
22
45
P45
0.041
2.69
6,800
EKMH250VSN682MQ25T
25.4
25
Q25
0.073
1.87
8,200
EKMH250VSN822MQ30T
25.4
30
Q30
0.061
2.12
10,000
EKMH250VSN103MQ35T
25.4
35
Q35
0.05
2.42
12,000
EKMH250VSN123MQ40T
25.4
40
Q40
0.041
2.74
15,000
EKMH250VSN153MQ45T
25.4
45
Q45
0.033
3.15
18,000
EKMH250VSN183MQ50T
25.4
50
Q50
0.028
3.54
8,200
EKMH250VSN822MR25T
30
25
R25
0.061
2.15
10,000
EKMH250VSN103MR25T
30
25
R25
0.05
2.37
12,000
EKMH250VSN123MR30T
30
30
R30
0.041
2.7
15,000
EKMH250VSN153MR35T
30
35
R35
0.033
3.13
For terminal and construction options, refer to the part numbering system for descriptions and codes.
* Refer to diagram of dimensions for detailed case size specifications.


Similar Part No. - EKMH181VSN

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMH181VSN181MP20T CHEMI-CON-EKMH181VSN181MP20T Datasheet
183Kb / 15P
   Snap Mount
EKMH181VSN221MP20T CHEMI-CON-EKMH181VSN221MP20T Datasheet
183Kb / 15P
   Snap Mount
EKMH181VSN271MP25T CHEMI-CON-EKMH181VSN271MP25T Datasheet
183Kb / 15P
   Snap Mount
EKMH181VSN331MP25T CHEMI-CON-EKMH181VSN331MP25T Datasheet
183Kb / 15P
   Snap Mount
EKMH181VSN391MP30T CHEMI-CON-EKMH181VSN391MP30T Datasheet
183Kb / 15P
   Snap Mount
More results

Similar Description - EKMH181VSN

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
107LMX400M2CC ILLINOISCAPACITOR-107LMX400M2CC Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
107LMX450M2CE ILLINOISCAPACITOR-107LMX450M2CE Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
127LMB400M2BF ILLINOISCAPACITOR-127LMB400M2BF Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
826LMH450MZBD ILLINOISCAPACITOR-826LMH450MZBD Datasheet
108Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA400M2CD ILLINOISCAPACITOR-157LBA400M2CD Datasheet
129Kb / 1P
   SNAP-IN / SNAP MOUNT
157LBA450M2BF ILLINOISCAPACITOR-157LBA450M2BF Datasheet
127Kb / 1P
   SNAP-IN / SNAP MOUNT
157LMB450M2BG ILLINOISCAPACITOR-157LMB450M2BG Datasheet
106Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA350M2BD ILLINOISCAPACITOR-187LBA350M2BD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBA400M2CD ILLINOISCAPACITOR-187LBA400M2CD Datasheet
104Kb / 1P
   SNAP-IN / SNAP MOUNT
187LBB350M2CD ILLINOISCAPACITOR-187LBB350M2CD Datasheet
107Kb / 1P
   SNAP-IN / SNAP MOUNT
187LMH350MZBD ILLINOISCAPACITOR-187LMH350MZBD Datasheet
132Kb / 1P
   SNAP-IN / SNAP MOUNT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com