Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP12510 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP12510
Description  Current-Mode PWM Controller for Off-line Power Supplies
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP12510 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP12510 Datasheet HTML 1Page - ON Semiconductor NCP12510 Datasheet HTML 2Page - ON Semiconductor NCP12510 Datasheet HTML 3Page - ON Semiconductor NCP12510 Datasheet HTML 4Page - ON Semiconductor NCP12510 Datasheet HTML 5Page - ON Semiconductor NCP12510 Datasheet HTML 6Page - ON Semiconductor NCP12510 Datasheet HTML 7Page - ON Semiconductor NCP12510 Datasheet HTML 8Page - ON Semiconductor NCP12510 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
NCP12510
www.onsemi.com
5
Table 4. ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VCC = 12 V unless otherwise noted)
Symbol
Rating
Pin
Min
Typ
Max
Unit
SUPPLY SECTION
VCC(on)
VCC increasing level at which driving pulses are authorized
5
16
18
20
V
VCC(min)
VCC decreasing level at which driving pulses are stopped
5
8.3
8.9
9.5
V
VCC(hyst)
Hysteresis VCC(on) – VCC(min)
5
7.7
V
VCC(reset)
Latched state reset voltage
5
8.6
V
VCC(reset_
hyst)
Defined hysteresis between minimum and reset voltage VCC(min)
VCC(reset)
5
0.15
0.30
0.45
V
VCC(latch_hyst)
Defined hysteresis for hiccupping between two voltage levels in latch mode
5
0.55
V
ICC1
Start−up current (VCC(on) – 100 mV)
5
6
10
mA
ICC2
Internal IC consumption with VFB = 3.2 V, fSW = 65 kHz and CL = 0 nF
Internal IC consumption with VFB = 3.2 V, fSW = 100 kHz and CL = 0 nF
5
1.0
1.1
1.4
1.5
mA
ICC3
Internal IC consumption with VFB = 3.2 V, fSW = 65 kHz and CL = 1 nF
Internal IC consumption with VFB = 3.2 V, fSW = 100 kHz and CL = 1 nF
5
1.7
2.3
2.7
3.0
mA
ICC(no−load)
Internal consumption in skip mode – non switching, VFB = 0 V
5
300
mA
ICC(fault)
Internal consumption in fault mode – during going−down VCC cycle,
VFB = 4 V
5
370
mA
ICC(standby)
Internal IC consumption in skip mode for 65 kHz version (VCC = 14 V,
driving a typical 7−A/600−V MOSFET, includes opto current) – (Note 4)
5
420
mA
DRIVE OUTPUT
tr
Output voltage rise−time @ CL = 1 nF, 10−90% of output signal
6
40
ns
tf
Output voltage fall−time @ CL = 1 nF, 10−90% of output signal
6
30
ns
ROH
Source resistance, VCC = 12 V, IDRV = 100 mA
6
28
W
ROL
Sink resistance, VCC = 12 V, IDRV = 100 mA
6
7
W
Isource
Peak source current, VGS = 0 V
6
300
mA
Isink
Peak sink current, VGS = 12 V
6
500
mA
VDRV(low)
DRV pin level at VCC = VCC(min) + 100 mV with a 33 kW resistor to GND
6
8
V
VDRV(high)
DRV pin level at VCC = VOVP – 100 mV (DRV unloaded)
6
10
12
14
V
CURRENT COMPARATOR
Vlimit
Maximum internal current set point – TJ = 25°C – pin 3 grounded
Maximum internal current set point – TJ = −40°C to 125°C – pin 3 grounded
4
0.744
0.720
0.8
0.8
0.856
0.880
V
VCS(fold)
Internal voltage setpoint for frequency foldback trip point – 59% of Vlimit
4
475
mV
VCS(freeze)
Internal peak current setpoint freeze (
≈31% of Vlimit)
4
250
mV
tDEL
Propagation delay from CS pin to DRV output
4
50
80
ns
tLEB
Leading Edge Blanking Duration
4
300
ns
tSS
Internal soft−start duration activated upon startup or auto−recovery
4
4
ms
IOPPs
Set point decrease for pin 3 grounded
3
0
%
IOPPo
Set point decrease for pin 3 biased to −250 mV
3
31.3
%
IOOPv
Voltage set point for pin 3 biased to −250 mV, TJ = 25°C
Voltage set point for pin 3 biased to −250 mV, TJ = −40° to 125°C
3
0.51
0.50
0.55
0.55
0.60
0.62
V
INTERNAL OSCILLATOR
fOSC(nom)
Oscillation frequency (65 kHz version)
Oscillation frequency (100 kHz version)
61
92
65
100
71
108
kHz
Dmax
Maximum duty−ratio
76
80
84
%
fjitter
Frequency jittering in percentage of fOSC – jitter is kept even in foldback
mode
±5
%
4. Application parameter for information only.
5. 1−M
W resistor is connected from pin 4 to the ground for the measurement.


Similar Part No. - NCP12510

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12510 ONSEMI-NCP12510 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP12510ASN100T1G ONSEMI-NCP12510ASN100T1G Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP12510ASN65T1G ONSEMI-NCP12510ASN65T1G Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP12510BSN100T1G ONSEMI-NCP12510BSN100T1G Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP12510BSN65T1G ONSEMI-NCP12510BSN65T1G Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
More results

Similar Description - NCP12510

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP12510 ONSEMI-NCP12510_V01 Datasheet
819Kb / 28P
   Current-Mode PWM Controller for Off-line Power Supplies
February, 2021 - Rev. 6
NCP1250 ONSEMI-NCP1250_11 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1251 ONSEMI-NCP1251_15 Datasheet
267Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
June, 2015 ??Rev. 14
NCP1250 ONSEMI-NCP1250 Datasheet
272Kb / 23P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1253 ONSEMI-NCP1253 Datasheet
308Kb / 15P
   Current-Mode PWM Controller for Off-line Power Supplies
January, 2012 ??Rev. 0
NCP1251 ONSEMI-NCP1251_11 Datasheet
275Kb / 24P
   Current-Mode PWM Controller for Off-line Power Supplies
October, 2011 ??Rev. 7
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com