Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR216AMTD Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90CR216AMTD
Description  3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link??6 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link??6 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR216AMTD Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS90CR216AMTD Datasheet HTML 1Page - National Semiconductor (TI) DS90CR216AMTD Datasheet HTML 2Page - National Semiconductor (TI) DS90CR216AMTD Datasheet HTML 3Page - National Semiconductor (TI) DS90CR216AMTD Datasheet HTML 4Page - National Semiconductor (TI) DS90CR216AMTD Datasheet HTML 5Page - National Semiconductor (TI) DS90CR216AMTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR216AMTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR216AMTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR216AMTD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Output Voltage
−0.3V to (V
CC + 0.3V)
LVDS Receiver Input Voltage
−0.3V to (V
CC + 0.3V)
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec)
+260˚C
Maximum Package Power Dissipation Capacity @ 25˚C
MTD56 (TSSOP) Package:
DS90CR286A
1.61 W
MTD48 (TSSOP) Package:
DS90CR216A
1.89 W
Package Derating:
DS90CR286A
12.4 mW/˚C above +25˚C
DS90CR216A
15 mW/˚C above +25˚C
ESD Rating
(HBM, 1.5 k
Ω, 100 pF)
> 7kV
(EIAJ, 0
Ω, 200 pF)
> 700V
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100
mV
PP
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS
V
OH
High Level Output Voltage
I
OH = −0.4 mA
2.7
3.3
V
V
OL
Low Level Output Voltage
I
OL = 2 mA
0.06
0.3
V
I
OS
Output Short Circuit Current
V
OUT = 0V
−60
−120
mA
LVDS RECEIVER DC SPECIFICATIONS
V
TH
Differential Input High Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
RECEIVER SUPPLY CURRENT
ICCRW
Receiver Supply Current Worst Case
C
L = 8 pF, Worst
Case Pattern,
DS90CR286A
(Figures
1,2),T
A=−10˚C to
+70˚C
f = 33 MHz
49
65
mA
f = 37.5 MHz
53
70
mA
f = 66 MHz
81
105
mA
ICCRW
Receiver Supply Current Worst Case
C
L = 8 pF, Worst
Case Pattern,
DS90CR286A
(Figures
1,2),T
A=−40˚C to
+85˚C
f = 40 MHz
53
70
mA
f = 66 MHz
81
105
mA
ICCRW
Receiver Supply Current Worst Case
C
L = 8 pF, Worst
Case Pattern,
DS90CR216A
(Figures
1,2),T
A=−10˚C to
+70˚C
f = 33 MHz
49
55
mA
f = 37.5 MHz
53
60
mA
f = 66 MHz
78
90
mA
ICCRW
Receiver Supply Current Worst Case
C
L = 8 pF, Worst
Case Pattern,
DS90CR216A
(Figures
1,2),T
A=−40˚C to
+85˚C
f = 40 MHz
53
60
mA
f = 66 MHz
78
90
mA
ICCRZ
Receiver Supply Current
Power Down = Low
10
55
µA
Power Down
Receiver Outputs Stay Low during
Power Down Mode
www.national.com
2


Similar Part No. - DS90CR216AMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR216AMTD NSC-DS90CR216AMTD Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR216AMTD NSC-DS90CR216AMTD Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR216AMTD TI1-DS90CR216AMTD Datasheet
2Mb / 34P
[Old version datasheet]   3.3-V Rising Edge Data Strobe LVDS Receiver
DS90CR216AMTD/NOPB TI1-DS90CR216AMTD/NOPB Datasheet
2Mb / 34P
[Old version datasheet]   3.3-V Rising Edge Data Strobe LVDS Receiver
DS90CR216AMTDX TI1-DS90CR216AMTDX Datasheet
2Mb / 34P
[Old version datasheet]   3.3-V Rising Edge Data Strobe LVDS Receiver
More results

Similar Description - DS90CR216AMTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR218 NSC-DS90CR218 Datasheet
239Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link Receiver - 75 MHz
DS90CR288 NSC-DS90CR288 Datasheet
229Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link Receiver - 75 MHz
DS90CR215 NSC-DS90CR215 Datasheet
739Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 66 MHz
DS90CR218A NSC-DS90CR218A Datasheet
282Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR217 NSC-DS90CR217 Datasheet
281Kb / 15P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 75 MHz
DS90CR217 NSC-DS90CR217_06 Datasheet
623Kb / 12P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
DS90CR215 NSC-DS90CR215_09 Datasheet
450Kb / 18P
   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR217 TI1-DS90CR217_13 Datasheet
948Kb / 18P
[Old version datasheet]   3.3V Rising Edge Data Strobe LVDS 21-Bit Channel Link - 85 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com