Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5662MN33R2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP5662MN33R2G
Description  Low Output Voltage Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5662MN33R2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP5662MN33R2G Datasheet HTML 5Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 6Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 7Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 8Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 9Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 10Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 11Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 12Page - ON Semiconductor NCP5662MN33R2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NCP5662, NCV5662
http://onsemi.com
9
TYPICAL CHARACTERISTICS
0
10
20
30
40
50
60
70
80
100
F, FREQUENCY (kHz)
90
0
10
20
30
40
50
60
70
80
100
F, FREQUENCY (kHz)
90
Start 1.0 kHz
Stop 100 kHz
Start 1.0 kHz
Stop 100 kHz
Vin = 12 V
Vout = 0.9 V
Iout = 10 mA
Cin = 150 mF
Cout = 150 mF
TA = 25°C
Vin = 3.3 V
Vout = 0.9 V
Iout = 2.36 A
Cin = 150 mF
Cout = 150 mF
TA = 25°C
Figure 16. Noise Density vs. Frequency
Figure 17. Noise Density vs. Frequency


Similar Part No. - NCP5662MN33R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5662MN33R2G ONSEMI-NCP5662MN33R2G Datasheet
615Kb / 14P
   Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7
More results

Similar Description - NCP5662MN33R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5662 ONSEMI-NCP5662 Datasheet
602Kb / 12P
   Low Output Voltage, Ultra-Fast 2.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5662 ONSEMI-NCP5662_07 Datasheet
615Kb / 14P
   Low Output Voltage, Ultra?묯ast 2.0 A Low Dropout Linear Regulator with Enable
January, 2007 ??Rev. 7
NCP5661DT18RKG ONSEMI-NCP5661DT18RKG Datasheet
188Kb / 12P
   Low Output Voltage, Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 17
NCP5663 ONSEMI-NCP5663_13 Datasheet
423Kb / 12P
   Low Output Voltage, Ultra-Fast 3.0 A Low Dropout Linear Regulator with Enable
May, 2013 ??Rev. 6
NCP5661 ONSEMI-NCP5661 Datasheet
111Kb / 12P
   Low Output Voltage,Ultra-Fast 1.0 A Low Dropout Linear Regulator with Enable
July, 2005 ??Rev. 3
NCP5663 ONSEMI-NCP5663_V01 Datasheet
483Kb / 13P
   Linear Regulator - Low Output Voltage, Ultra-Fast Low Dropout, Enable 3.0 A
October, 2019 - Rev. 6
NCP5661 ONSEMI-NCP5661_06 Datasheet
122Kb / 12P
   Low Output Voltage, Ultra?묯ast 1.0 A Low Dropout Linear Regulator with Enable
November, 2006 ??Rev. 7
NCP5663 ONSEMI-NCP5663 Datasheet
377Kb / 12P
   Low Output Voltage, Ultra?묯ast 3.0 A Low Dropout Linear Regulator with Enable
June, 2005 ??Rev. 2
NCP5661 ONSEMI-NCP5661_14 Datasheet
114Kb / 12P
   Low Output Voltage Ultra-Fast 1.0 A Low Dropout Linear Regulator
October, 2014 ??Rev. 18
logo
Richtek Technology Corp...
RT2515A RICHTEK-RT2515A Datasheet
261Kb / 9P
   2A, Low Input Voltage, Ultra-Low Dropout Linear Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com