Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8716MT18TBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV8716MT18TBG
Description  80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8716MT18TBG Datasheet(HTML) 5 Page - ON Semiconductor

  NCV8716MT18TBG Datasheet HTML 1Page - ON Semiconductor NCV8716MT18TBG Datasheet HTML 2Page - ON Semiconductor NCV8716MT18TBG Datasheet HTML 3Page - ON Semiconductor NCV8716MT18TBG Datasheet HTML 4Page - ON Semiconductor NCV8716MT18TBG Datasheet HTML 5Page - ON Semiconductor NCV8716MT18TBG Datasheet HTML 6Page - ON Semiconductor NCV8716MT18TBG Datasheet HTML 7Page - ON Semiconductor NCV8716MT18TBG Datasheet HTML 8Page - ON Semiconductor NCV8716MT18TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NCV8716
www.onsemi.com
5
Table 7. ELECTRICAL CHARACTERISTICS Voltage version 2.5 V
−40
°C ≤ TJ ≤ 125°C; VIN = 3.5 V; IOUT = 1 mA, CIN = COUT = 1.0 mF, unless otherwise noted. Typical values are at TJ = +25°C. (Note 13)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
IOUT = 80 mA
VIN
3.5
24
V
Output Voltage Accuracy
3.5 V < VIN < 24 V, 0 < IOUT < 80 mA
VOUT
2.45
2.5
2.55
V
Line Regulation
VOUT + 1 V ≤ VIN ≤ 24 V, IOUT = 1mA
RegLINE
15
20
mV
Load Regulation
IOUT = 0 mA to 80 mA
RegLOAD
15
20
mV
Dropout voltage (Note 11)
VDO = VIN – (VOUT(NOM) – 125 mV)
IOUT = 80 mA
VDO
400
640
mV
Maximum Output Current
(Note 14)
IOUT
110
mA
Ground current
0 < IOUT < 80 mA, VIN = 24 V
IGND
3.4
5.8
mA
Power Supply Rejection Ratio
VIN = 3.5 V, VOUT = 2.5 V
VPP = 200 mV modulation
IOUT = 1 mA, COUT = 10 mF
f = 100 kHz
PSRR
60
dB
Output Noise Voltage
VOUT = 2.5 V, IOUT = 80 mA
f = 200 Hz to 100 kHz
VN
160
mVrms
Thermal Shutdown Temperature (Note 12)
Temperature increasing from TJ = +25°C
TSD
155
°C
Thermal Shutdown Hysteresis (Note 12)
Temperature falling from TSD
TSDH
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
11. Characterized when VOUT falls 125 mV below the regulated voltage and only for devices with VOUT = 2.5 V
12. Guaranteed by design and characterization.
13. Performance guaranteed over the indicated operating temperature range by design and/or characterization production tested at TJ = TA =
25
°C. Low duty cycle pulse techniques are used during testing to maintain the junction temperature as close to ambient as possible.
14. Respect SOA


Similar Part No. - NCV8716MT18TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8716MT18TBG ONSEMI-NCV8716MT18TBG Datasheet
620Kb / 16P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
April, 2015 ??Rev. 3
More results

Similar Description - NCV8716MT18TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8716 ONSEMI-NCV8716 Datasheet
620Kb / 16P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
April, 2015 ??Rev. 3
NCP716 ONSEMI-NCP716_16 Datasheet
662Kb / 18P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
June, 2016 ??Rev. 4
NCP716 ONSEMI-NCP716 Datasheet
666Kb / 17P
   80 mA Ultra-Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2014 ??Rev. 1
NCP716B ONSEMI-NCP716B Datasheet
250Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
June, 2016 ??Rev. 0
NCP716B ONSEMI-NCP716B_17 Datasheet
252Kb / 8P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
February, 2017 ??Rev. 1
NCP716BC ONSEMI-NCP716BC Datasheet
769Kb / 9P
   Wide Input Voltage Low Dropout, Ultra-Low Iq Regulator
December, 2020 ??Rev. 3
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
NCV8715 ONSEMI-NCV8715 Datasheet
908Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
August, 2015 ??Rev. 4
NCP715 ONSEMI-NCP715_16 Datasheet
960Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
June, 2016 ??Rev. 4
NCP715 ONSEMI-NCP715 Datasheet
952Kb / 20P
   50 mA Ultra-Low Iq, Wide Input Voltage, Low Dropout Linear Voltage Regulator
December, 2013 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com