Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCM1617MQR Datasheet(PDF) 3 Page - Microchip Technology

Part # TCM1617MQR
Description  SMBus Thermal Sensor with External Diode Input
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM1617MQR Datasheet(HTML) 3 Page - Microchip Technology

  TCM1617MQR Datasheet HTML 1Page - Microchip Technology TCM1617MQR Datasheet HTML 2Page - Microchip Technology TCM1617MQR Datasheet HTML 3Page - Microchip Technology TCM1617MQR Datasheet HTML 4Page - Microchip Technology TCM1617MQR Datasheet HTML 5Page - Microchip Technology TCM1617MQR Datasheet HTML 6Page - Microchip Technology TCM1617MQR Datasheet HTML 7Page - Microchip Technology TCM1617MQR Datasheet HTML 8Page - Microchip Technology TCM1617MQR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
TCM1617
TCM1617-1 2/5/99
 2001 Microchip Technology Inc.
DS21485A
SMBus Thermal Sensor with External Diode Input
NOTES: 1. Operating current is an average value (including external diode injection pulse current) integrated over multiple conversion cycles.
Transient current may exceed this specification.
2. For true reccurring conversion time see Conversion Rate register description.
3. Output current should be minimized for best temperature accuracy. Power dissipation within the TCM1617 will cause self-heating and
temperature drift error.
4. Refer to Application Note 64.
SMBus PORT AC TIMING: VDD = 3.3V, –55 ≤ (TA = TJ) ≤ 125°C; CL = 80 pF, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
fSMB
SMBus Clock Frequency
10
100
KHz
tLOW
Low Clock Period
10% to 10%
4.7
µsec
tHIGH
High Clock Period
90% to 90%
4
µsec
tR
SMBus Rise Time
10% to 90%
1,000
nsec
tF
SMBus Fall Time
90% to 10%
300
nsec
tSU(START)
Start Condition Setup Time
90% SCL to 10% SDA
4
µsec
(for Repeated Start Condition)
tH(START)
Start Condition Hold Time
4
µsec
tSU-DATA
Data in Set Up Time
1000
nsec
tH-DATA
Data in Hold Time
1250
nsec
tSU(STOP)
Stop Condition Setup Time
4
µsec
tIDLE
Bus Free Time Prior to
4.7
µsec
New Transition
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tCONV
Conversion Time
from CHIP STOP to Conv.
54
83
112
msec
Complete (Note 2)
∆CR
Conversion Rate Accuracy
See Conversion Rate Register Desc.
–35
+35
%
2-Wire SMBus Interface
VIH
Logic Input High
2.2
——
V
VIL
Logic Input Low
0.8
V
VOL
SDA Output Low
IOL = 2 mA (Note 3)
0.4
V
IOL = 4 mA (Note 3)
0.6
V
CIN
Input Capacitance SDA, SCL
5
pF
ILEAK
I/O Leakage
–1
0.1
1
µA
ELECTRICAL CHARACTERISTICS (CONT): VDD = 3.3V, –55°C ≤ TA ≤ 125°C, unless otherwise noted.


Similar Part No. - TCM1617MQR

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
TCM1608 TDK-TCM1608 Datasheet
39Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1608-201-4P TDK-TCM1608-201-4P Datasheet
39Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1608-350-4P TDK-TCM1608-350-4P Datasheet
39Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1608-650-4P TDK-TCM1608-650-4P Datasheet
39Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
TCM1608-900-4P TDK-TCM1608-900-4P Datasheet
39Kb / 2P
   Common Mode Filters(SMD) For High-speed Differential Signal Line
More results

Similar Description - TCM1617MQR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX1617 ONSEMI-MAX1617 Datasheet
176Kb / 12P
   SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
MC1066 ONSEMI-MC1066 Datasheet
196Kb / 16P
   ACPI-Compliant SMBus Temperature Sensor with Internal and External Diode Input
February, 2000 ??Rev. 0
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95221 TI-LM95221_15 Datasheet
1,006Kb / 25P
[Old version datasheet]   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
National Semiconductor ...
LM95214 NSC-LM95214 Datasheet
794Kb / 38P
   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95214 TI-LM95214_15 Datasheet
1Mb / 44P
[Old version datasheet]   Quad Remote Diode and Local Temperature Sensor with SMBus Interface
logo
National Semiconductor ...
LM95231 NSC-LM95231 Datasheet
464Kb / 4P
   TruTherm Precision Dual Remote Diode Temperature Sensor with SMBus Interface
LM32 NSC-LM32 Datasheet
340Kb / 24P
   Dual Thermal Diode Temperature Sensor with SensorPath Bus
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
   AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com