Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8154MW180280TBG Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCV8154MW180280TBG
Description  Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8154MW180280TBG Datasheet(HTML) 3 Page - ON Semiconductor

  NCV8154MW180280TBG Datasheet HTML 1Page - ON Semiconductor NCV8154MW180280TBG Datasheet HTML 2Page - ON Semiconductor NCV8154MW180280TBG Datasheet HTML 3Page - ON Semiconductor NCV8154MW180280TBG Datasheet HTML 4Page - ON Semiconductor NCV8154MW180280TBG Datasheet HTML 5Page - ON Semiconductor NCV8154MW180280TBG Datasheet HTML 6Page - ON Semiconductor NCV8154MW180280TBG Datasheet HTML 7Page - ON Semiconductor NCV8154MW180280TBG Datasheet HTML 8Page - ON Semiconductor NCV8154MW180280TBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
NCV8154
www.onsemi.com
3
Table 2. PIN FUNCTION DESCRIPTION − WDFN6
Pin No.
Pin Name
Description
1
EN1
Driving EN1 over 0.9 V turns-on OUT1. Driving EN below 0.4 V turns-off the OUT1.
2
IN
Inputs pin. It is recommended to connect at least 1
mF ceramic capacitor close to the device pin.
3
EN2
Driving EN2 over 0.9 V turns-on OUT2. Driving EN below 0.4 V turns-off the OUT2.
4
GND
Power supply ground. Soldered to the copper plane allows for effective heat dissipation.
5
OUT2
Regulated output voltage of the second channel. A small 1
mF ceramic capacitor is needed from this pin to
ground to assure stability.
6
OUT1
Regulated output voltage of the first channel. A small 1
mF ceramic capacitor is needed from this pin to
ground to assure stability.
Table 3. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
VIN1, VIN2
−0.3 V to 6 V
V
Output Voltage
VOUT1, VOUT2
−0.3 V to VIN + 0.3 V or 6 V
V
Enable Inputs
VEN1, VEN2
−0.3 V to VIN + 0.3 V or 6 V
V
Output Short Circuit Duration
tSC
Indefinite
s
Operating Ambient Temperature Range
TA
−40 to +125
°C
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2,000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating tested per JEDEC standard: JESD78.
Table 4. THERMAL CHARACTERISTICS (Note 3)
Rating
Symbol
Value
Unit
Thermal Characteristics, DFN10 3
× 3 mm,
Thermal Resistance, Junction-to-Air
qJA
109
°C/W
Thermal Characteristics, WDFN6 1.5
× 1.5 mm,
Thermal Resistance, Junction-to-Air
qJA
207
°C/W
3. Single component mounted on 1 oz, FR4 PCB with 645 mm2 Cu area.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Input Voltage
VIN
1.9
5.25
V
Junction Temperature
TJ
−40
125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NCV8154MW180280TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154MW180280TBG ONSEMI-NCV8154MW180280TBG Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCV8154MW180280TBG ONSEMI-NCV8154MW180280TBG Datasheet
870Kb / 18P
   Dual Input Voltage Regulator
March, 2017 ??Rev. 10
More results

Similar Description - NCV8154MW180280TBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8154 ONSEMI-NCV8154 Datasheet
854Kb / 16P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
April, 2015 ??Rev. 3
NCP154 ONSEMI-NCP154_15 Datasheet
584Kb / 18P
   Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
January, 2015 ??Rev. 2
NCV8718 ONSEMI-NCV8718 Datasheet
238Kb / 7P
   300 mA Low Iq, Wide Input Voltage Low Dropout Regulator
January, 2018 ??Rev. 0
logo
Texas Instruments
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
logo
ON Semiconductor
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
logo
Texas Instruments
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
[Old version datasheet]   300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com