Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1937C4DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP1937C4DR2G
Description  Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1937C4DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1937C4DR2G Datasheet HTML 1Page - ON Semiconductor NCP1937C4DR2G Datasheet HTML 2Page - ON Semiconductor NCP1937C4DR2G Datasheet HTML 3Page - ON Semiconductor NCP1937C4DR2G Datasheet HTML 4Page - ON Semiconductor NCP1937C4DR2G Datasheet HTML 5Page - ON Semiconductor NCP1937C4DR2G Datasheet HTML 6Page - ON Semiconductor NCP1937C4DR2G Datasheet HTML 7Page - ON Semiconductor NCP1937C4DR2G Datasheet HTML 8Page - ON Semiconductor NCP1937C4DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
NCP1937
www.onsemi.com
5
Table 2. NCP1937 DEVICE OPTIONS
Device
Overload
Protection
Fault OTP
VBO(start) VBO(stop)
PFC
Disable
Time
PFC
Frequency
Clamp
Package
Shipping
NCP1937A1DR2G
Auto−Recovery
Latch
111 V
97 V
0.5 s
250 kHz
SOIC−20
(Pb−Free)
2500 / Tape
& Reel
NCP1937A2DR2G
Auto−Recovery
Latch
111 V
97 V
0.5 s
131 kHz
NCP1937A3DR2G
Auto−Recovery
Latch
111 V
97 V
4 s
131 kHz
NCP1937B1DR2G
Auto−Recovery
Auto−Recovery
111 V
97 V
0.5 s
250 kHz
NCP1937B2DR2G
Auto−Recovery
Auto−Recovery
111 V
97 V
0.5 s
131 kHz
NCP1937B3DR2G
Auto−Recovery
Auto−Recovery
111 V
97 V
4 s
131 kHz
NCP1937C1DR2G
Latch
Latch
111 V
97 V
0.5 s
250 kHz
NCP1937C4DR2G
Latch
Latch
111 V
97 V
13 s
131 kHz
NCP1937C61DR2G
Latch
Latch
101 V
87 V
4 s
131 kHz
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specification Brochure, BRD8011/D.
Table 3. MAXIMUM RATINGS (Notes 1 − 6)
Rating
Pin
Symbol
Value
Unit
High Voltage Startup Circuit Input Voltage
1
VHV/X2
−0.3 to 700
V
High Voltage Startup Circuit Input Current
1
IHV/X2
20
mA
High Voltage Brownout Detector Input Voltage
3
VBO/X2
−0.3 to 700
V
High Voltage Brownout Detector Input Current
3
IBO/X2
20
mA
PFC High Voltage Feedback Input Voltage
20
VPFBHV
−0.3 to 700
V
PFC High Voltage Feedback Input Current
20
IPFBHV
0.5
mA
PFC Low Voltage Feedback Input Voltage
18
VPFBLV
−0.3 to 9
V
PFC Low Voltage Feedback Input Current
18
IPFBLV
0.5
mA
PFC Zero Current Detection and Current Sense Input Voltage (Note 1)
16
VPCS/PZCD
−0.3 to
VPCS/PZCD(MAX)
V
PFC Zero Current Detection and Current Sense Input Current
16
IPCS/PZCD
−2/+5
mA
PFC Control Input Voltage
5
VPControl
−0.3 to 5
V
PFC Control Input Current
5
IPControl
10
mA
Supply Input Voltage
12
VCC(MAX)
−0.3 to 30
V
Supply Input Current
12
ICC(MAX)
30
mA
Supply Input Voltage Slew Rate
12
dVCC/dt
1
V/
ms
Fault Input Voltage
8
VFault
−0.3 to (VCC + 1.25)
V
Fault Input Current
8
IFault
10
mA
QR Flyback Zero Current Detection Input Voltage
11
VQZCD
−0.9 to (VCC + 1.25)
V
QR Flyback Zero Current Detection Input Current
11
IQZCD
−2/+5
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. VPCS/PZCD(MAX) is the maximum voltage of the pin shown in the electrical table. When the voltage on this pin exceeds 5 V, the pin sinks
a current equal to (VPCS/PZCD − 5 V) / (2 kW). A VPSC/PZCD of 7 V generates a sink current of approximately 1 mA.
2. Maximum driver voltage is limited by the driver clamp voltage, VXDRV(high), when VCC exceeds the driver clamp voltage. Otherwise, the
maximum driver voltage is VCC.
3. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond
those indicated may adversely affect device reliability. Functional operation under absolute maximum–rated conditions is not implied.
Functional operation should be restricted to the Recommended Operating Conditions.
4. This device contains Latch−Up protection and exceeds
± 100 mA per JEDEC Standard JESD78.
5. Low Conductivity Board. As mounted on 80 x 100 x 1.5 mm FR4 substrate with a single layer of 50 mm2 of 2 oz copper traces and heat
spreading area. As specified for a JEDEC51−1 conductivity test PCB. Test conditions were under natural convection of zero air flow.
6. Pins 1, 3, and 20 are rated to the maximum voltage of the part, or 700 V.


Similar Part No. - NCP1937C4DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1937C4DR2G ONSEMI-NCP1937C4DR2G Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
More results

Similar Description - NCP1937C4DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1937 ONSEMI-NCP1937_V01 Datasheet
1Mb / 40P
   Combination Power Factor Correction and Quasi-Resonant Flyback Controllers for Adapters
May, 2022 - Rev. 7
NCP1937A1DR2G ONSEMI-NCP1937A1DR2G Datasheet
1,017Kb / 38P
   Combination Power Factor Correction and Quasi- Resonant Flyback Controllers for Adapters
November, 2013 ??Rev. 3
NCP1927 ONSEMI-NCP1927 Datasheet
537Kb / 24P
   Combination Power Factor Correction Controller and Flyback Controller for Flat
June, 2011 ??Rev. 0
logo
Rohm
BM1C001F ROHM-BM1C001F Datasheet
1Mb / 35P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C101F ROHM-BM1C101F Datasheet
1Mb / 40P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
BM1C102F ROHM-BM1C102F Datasheet
1Mb / 39P
   Power Factor Correction and Quasi-Resonant DC/DC converter IC
logo
Intersil Corporation
ISL6730 INTERSIL-ISL6730 Datasheet
420Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
ISL6730A INTERSIL-ISL6730A Datasheet
632Kb / 20P
   Power Factor Correction Controllers
ISL6731AFBZ INTERSIL-ISL6731AFBZ Datasheet
542Kb / 20P
   Power Factor Correction Controllers
February 13, 2015
logo
Renesas Technology Corp
ISL6730A RENESAS-ISL6730A Datasheet
950Kb / 19P
   Power Factor Correction Controllers
August 8, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com