Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1615C4DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP1615C4DR2G
Description  High Voltage High Efficiency Power Factor Correction Controller
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1615C4DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  NCP1615C4DR2G Datasheet HTML 1Page - ON Semiconductor NCP1615C4DR2G Datasheet HTML 2Page - ON Semiconductor NCP1615C4DR2G Datasheet HTML 3Page - ON Semiconductor NCP1615C4DR2G Datasheet HTML 4Page - ON Semiconductor NCP1615C4DR2G Datasheet HTML 5Page - ON Semiconductor NCP1615C4DR2G Datasheet HTML 6Page - ON Semiconductor NCP1615C4DR2G Datasheet HTML 7Page - ON Semiconductor NCP1615C4DR2G Datasheet HTML 8Page - ON Semiconductor NCP1615C4DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
© Semiconductor Components Industries, LLC, 2016
June, 2016 − Rev. 8
1
Publication Order Number:
NCP1615/D
NCP1615
High Voltage High
Efficiency Power Factor
Correction Controller
The NCP1615 is a high voltage PFC controller designed to drive
PFC boost stages based on an innovative Current Controlled
Frequency Foldback (CCFF) method. In this mode, the circuit
operates in critical conduction mode (CrM) when the inductor current
exceeds a programmable value. When the current is below this preset
level, the NCP1615 linearly decays the frequency down to a minimum
of about 26 kHz at the sinusoidal zero−crossing. CCFF maximizes the
efficiency at both nominal and light load. In particular, the standby
losses are reduced to a minimum. Innovative circuitry allows near−
unity power factor even when the switching frequency is reduced.
The integrated high voltage start−up circuit eliminates the need for
external start−up components and consumes negligible power during
normal operation. Housed in a SOIC−14 or SOIC−16 package, the
NCP1615 incorporates the features necessary for robust and compact
PFC stages, with few external components.
General Features
High Voltage Start−Up Circuit with Integrated Brownout Detection
Input to Force Controller into Standby Mode
Restart Pin Allows Adjustment of Bulk Voltage Hysteresis in
Standby Mode
Skip Mode Near the Line Zero Crossing
Fast Line / Load Transient Compensation
Valley Switching for Improved Efficiency
High Drive Capability: −500 mA/+800 mA
Wide VCC Range: from 9.5 V to 28 V
Input Voltage Range Detection
Input X2 Capacitor Discharge Circuitry
Power Saving Mode (PSM) Enables < 30 mW No−load
Power Consumption
This is a Pb and Halogen Free Device
Safety Features
Adjustable Bulk Undervoltage Detection (BUV)
Soft Overvoltage Protection
Line Overvoltage Protection
Overcurrent Protection
Open Pin Protection for FB and FOVP/BUV Pins
Internal Thermal Shutdown
Bi−Level Latch Input for OVP and OTP
Bypass/Boost Diode Short Circuit Protection
Open Ground Pin Protection
Typical Applications
PC Power Supplies
Off Line Appliances Requiring Power Factor Correction
LED Drivers
Flat TVs
PIN CONNECTIONS
HVFB
FB
Restart
FOVP/BUV
VControl
FFControl
Fault
STDBY
HV
VCC
DRV
GND
CS/ZCD
PFCOK
PSTimer
NCP1615 16 Pins (Top View)
NCP1615 14 Pins (Top View)
FB
Restart
FOVP/BUV
VControl
FFControl
Fault
STDBY
HV
VCC
DRV
GND
CS/ZCD
PFCOK
SOIC−14 NB
CASE 751AN
MARKING DIAGRAMS
www.onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
1
14
NCP1615xxG
AWLYWW
1
14
NCP1615xx = Specific Device Code
xx
= A, A1, B, C, C2, C3, C4, C5, D or D2
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
SOIC−16 NB
CASE 752AC
1
16
1
16
NCP1615xxG
AWLYWW


Similar Part No. - NCP1615C4DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1615C2DR2G ONSEMI-NCP1615C2DR2G Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1615CDR2G ONSEMI-NCP1615CDR2G Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results

Similar Description - NCP1615C4DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
NCP1616 ONSEMI-NCP1616 Datasheet
1Mb / 35P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2017 ??Rev. 0
logo
SHENZHEN FUMAN ELECTRON...
TC6562 FUMAN-TC6562 Datasheet
1Mb / 4P
   High performance power factor correction controller
TC6562B FUMAN-TC6562B Datasheet
1Mb / 4P
   High performance power factor correction controller
logo
ON Semiconductor
NCL30001 ONSEMI-NCL30001_15 Datasheet
287Kb / 31P
   High-Efficiency Single Stage Power Factor Correction
February, 2015 ??Rev. 1
NCP1652DR2G ONSEMI-NCP1652DR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652 ONSEMI-NCP1652_10 Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
NCP1652ADR2G ONSEMI-NCP1652ADR2G Datasheet
346Kb / 34P
   High-Efficiency Single Stage Power Factor Correction and Step-Down Controller
April, 2010 ??Rev. 3
logo
Bellnix Co.,Ltd.
BPF BELLNIX-BPF Datasheet
666Kb / 10P
   Compact and high efficiency power factor correction unit
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com