Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1611BDR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP1611BDR2G
Description  Enhanced, High-Efficiency Power Factor Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1611BDR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP1611BDR2G Datasheet HTML 2Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 3Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 4Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 5Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 6Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 7Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 8Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 9Page - ON Semiconductor NCP1611BDR2G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
NCP1611
www.onsemi.com
6
TYPICAL ELECTRICAL CHARACTERISTICS (Conditions: VCC = 15 V, TJ from −40°C to +125°C, unless otherwise specified)
Symbol
Unit
Max
Typ
Min
Rating
BROWN−OUT PROTECTION AND FEED−FORWARD
VHL
Comparator Threshold for Line Range Detection, Vsense rising
2.1
2.2
2.3
V
VLL
Comparator Threshold for Line Range Detection, Vsense falling
1.6
1.7
1.8
V
VHL(hyst)
Comparator Hysteresis for Line Range Detection
400
500
600
mV
THL(blank)
Blanking Time for Line Range Detection
15
25
35
ms
IBO(bias)
Brown−Out Pin Bias Current, Vsense = VBOH
−250
250
nA
THERMAL SHUTDOWN
TLIMIT
Thermal Shutdown Threshold
150
°C
HTEMP
Thermal Shutdown Hysteresis
50
°C
6. There is actually a minimum dead−time that is the delay between the core reset detection and the DRV turning on (TZD parameter of the
“Current Sense and Zero Current Detection Blocks” section).


Similar Part No. - NCP1611BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1611BDR2G ONSEMI-NCP1611BDR2G Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
More results

Similar Description - NCP1611BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1602 ONSEMI-NCP1602 Datasheet
282Kb / 32P
   Enhanced, High-Efficiency Power Factor Controller
October, 2015 ??Rev. 0
NCP1602 ONSEMI-NCP1602_17 Datasheet
366Kb / 23P
   Enhanced, High-Efficiency Power Factor Controller
December, 2017 ??Rev. 7
NCP1611 ONSEMI-NCP1611 Datasheet
870Kb / 28P
   Enhanced, High-Efficiency Power Factor Controller
December, 2011 ??Rev. 1
NCP1612 ONSEMI-NCP1612 Datasheet
811Kb / 30P
   Enhanced, High-Efficiency Power Factor Controller
June, 2012 ??Rev. 1
NCP1602 ONSEMI-NCP1602_16 Datasheet
238Kb / 24P
   Enhanced, High-Efficiency Power Factor Controller
June, 2016 ??Rev. 2
NCP1622 ONSEMI-NCP1622 Datasheet
236Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
November, 2017 ??Rev. 4
NCP1623 ONSEMI-NCP1623 Datasheet
331Kb / 20P
   Enhanced, High-Efficiency Power Factor Controller
December, 2021-Rev. 0
NCL2801 ONSEMI-NCL2801 Datasheet
504Kb / 28P
   Power Factor Controller, High-Efficiency, Enhanced for Lighting
September, 2019 ??Rev. 3
NCP1612A ONSEMI-NCP1612A Datasheet
1Mb / 33P
   Enhanced, High?륟fficiency Power Factor Controller
May, 2016 ??Rev. 9
NCP1615 ONSEMI-NCP1615 Datasheet
1Mb / 44P
   High Voltage High Efficiency Power Factor Correction Controller
November, 2013 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com