Electronic Components Datasheet Search |
|
NCP1365 Datasheet(PDF) 4 Page - ON Semiconductor |
|
NCP1365 Datasheet(HTML) 4 Page - ON Semiconductor |
4 / 29 page NCP1360, NCP1365 www.onsemi.com 4 PIN FUNCTION DESCRIPTION Pin out NCP1365 Pin out NCP1360 Name Function 1 6 Vs/ZCD Connected to the auxiliary winding; this pin senses the voltage output for the primary regulation and detects the core reset event for the Quasi−Resonant mode of operation. 2 5 Comp This is the error amplifier output. The network connected between this pin and the ground adjusts the regulation loop bandwidth. 3 4 CS This pin monitors the primary peak current. 4 3 DRV Controller switch driver. 5 2 GND Ground reference. 6 1 VCC This pin is connected to an external auxiliary voltage and supplies the controller. 7 − NC Not Connected for creepage distance between high and low Voltage pins 8 − HV Connected the high−voltage rail, this pin injects a constant current into the VCC capaci- tor for starting−up the power supply. MAXIMUM RATINGS Symbol Rating Value Unit VCC(MAX) Maximum Power Supply voltage, VCC pin, continuous voltage −0.3 to 28 V ΔVCC/Δt Maximum slew rate on VCC pin during startup phase +0.4 V/ ms VDRV(MAX) IDRV(MAX) Maximum driver pin voltage, DRV pin, continuous voltage Maximum current for DRV pin −0.3, VDRV (Note 1) −300, +500 V mA VMAX IMAX Maximum voltage on low power pins (except pins DRV and VCC) Current range for low power pins (except pins DRV and VCC) −0.3, 5.5 −2, +5 V mA VHV High Voltage pin voltage −0.3 to 560 V RθJ−A Thermal Resistance Junction−to−Air 200 °C/W TJ(MAX) Maximum Junction Temperature 150 °C Operating Temperature Range −40 to +125 °C Storage Temperature Range −60 to +150 °C Human Body Model ESD Capability per JEDEC JESD22−A114F 2 kV Machine Model ESD Capability (All pins except DRV) per JEDEC JESD22−A115C 200 V Charged−Device Model ESD Capability per JEDEC JESD22−C101E 500 V Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. VDRV is the DRV clamp voltage VDRV(high) when VCC is higher than VDRV(high). VDRV is VCC otherwise 2. This device contains latch−up protection and exceeds 100 mA per JEDEC Standard JESD78. |
Similar Part No. - NCP1365 |
|
Similar Description - NCP1365 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |