Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1236DD65R2G Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1236DD65R2G
Description  Fixed Frequency Current Mode Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1236DD65R2G Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1236DD65R2G Datasheet HTML 3Page - ON Semiconductor NCP1236DD65R2G Datasheet HTML 4Page - ON Semiconductor NCP1236DD65R2G Datasheet HTML 5Page - ON Semiconductor NCP1236DD65R2G Datasheet HTML 6Page - ON Semiconductor NCP1236DD65R2G Datasheet HTML 7Page - ON Semiconductor NCP1236DD65R2G Datasheet HTML 8Page - ON Semiconductor NCP1236DD65R2G Datasheet HTML 9Page - ON Semiconductor NCP1236DD65R2G Datasheet HTML 10Page - ON Semiconductor NCP1236DD65R2G Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
NCP1236
www.onsemi.com
7
ELECTRICAL CHARACTERISTICS (continued)
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, VHV = 125 V, VCC = 11 V unless otherwise noted)
Characteristics
Unit
Max
Typ
Min
Symbol
Test Condition
FREQUENCY FOLDBACK
Feedback voltage threshold
below which frequency foldback
starts
VFB(foldS)
1.8
2.0
2.2
V
Feedback voltage threshold
below which frequency foldback
is complete
VFB(foldE)
1.22
1.35
1.48
V
Minimum switching frequency
VFB = Vskip(in) + 0.2
fOSC(min)
22
27
32
kHz
SKIP−CYCLE MODE
Feedback voltage thresholds for
skip mode
VFB going down
VFB going up
Vskip(in)
Vskip(out)
0.63
0.72
0.7
0.80
0.77
0.88
V
LATCH−OFF INPUT
High threshold
VLatch going up
VOVP
2.35
2.5
2.65
V
Low threshold
VLatch going down
VOTP
0.76
0.8
0.84
V
Current source for direct NTC
connection
During normal operation
During soft−start
VLatch = 0 V
INTC
INTC(SSTART)
65
130
95
190
105
210
mA
Blanking duration on high latch
detection
65 kHz version
100 kHz version
tLatch(OVP)
35
25
50
35
70
45
ms
Blanking duration on low latch
detection
tLatch(OTP)
350
ms
Clamping voltage
ILatch = 0 mA
ILatch = 1 mA
Vclamp0(Latch)
Vclamp1(Latch)
1.0
2.0
1.2
2.4
1.4
3.0
V
TEMPERATURE SHUTDOWN
Temperature shutdown (Note 7)
TJ going up
TTSD
135
150
165
°C
Temperature shutdown
hysteresis (Note 7)
TJ going down
TTSD(HYS)
20
30
40
°C
6. Internal supply current only, current in FB pin not included (current flowing in GND pin only).
7. Guaranteed by design.


Similar Part No. - NCP1236DD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1236DD65R2G ONSEMI-NCP1236DD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
More results

Similar Description - NCP1236DD65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1240 ONSEMI-NCP1240 Datasheet
1Mb / 45P
   Fixed Frequency Current Mode Controller
July, 2015 ??Rev. 1
NCP1246 ONSEMI-NCP1246_15 Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller
March, 2015 ??Rev. 6
SCY99194 ONSEMI-SCY99194 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
NCP1235 ONSEMI-NCP1235 Datasheet
243Kb / 34P
   Fixed Frequency Current Mode Controller
January, 2015 ??Rev. P0
NCP1244 ONSEMI-NCP1244 Datasheet
1Mb / 40P
   Fixed Frequency Current Mode Controller
July, 2014 ??Rev. 1
NCP1248 ONSEMI-NCP1248 Datasheet
1Mb / 36P
   Fixed Frequency Current Mode Controller
December, 2014 ??Rev. 0
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com