Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1239ED65R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP1239ED65R2G
Description  Fixed Frequency Current?륪ode Controller for Flyback Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1239ED65R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCP1239ED65R2G Datasheet HTML 1Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 2Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 3Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 4Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 5Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 6Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 7Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 8Page - ON Semiconductor NCP1239ED65R2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
NCP1239
www.onsemi.com
4
Figure 2. Simplified Block Diagram
Vcc
Drv
LEB
GND
CS
FB
HV
Dual HV startup
current source
HV sample
600−ns time
constant
Up counter
4
RST
OVP/OTP
gone?
Fault
Vfault(clamp)
VFault(OTP)
VFault(OVP)
IOTP
Option for
OVP_VCC
Up counter
4
RST
VLimit2
LEB
120 ns
300 ns
VLimit1
Soft−start
Ramp
8 ms
SS end
Vdd
/ 4
Rup
Vskip
Overcurrent
Soft−start
PWM
Oscillator
65 kHz / 100 kHz
Compensation
Slope
Stop
Foldback
Jitter
S
R
Q
Q
OCP_flag
PWM
OCP
Timer
64 ms
OCP_flag
Skip
HV detection
& sampling
BO
Vcc logic
management
20us time
constant
TSD
VCC(OVP)
OVP_VCC
OVP_VCC
(option)
Vdd
Vdd
Vcc(reset)
UVLO
S
R
Q
Q
Vcc(reset)
Latch
Protection
Mode
Reset
Vcc(reset)
Timer
1 s
Auto−recovery
S
R
Q
Q
Clamp
Clock
BO
Latch
TSD
Skip
Clock
+
NC
BO end
BO end
UVLO
Vdd
Ibias
OCP Fault
gone?
BO
TSD
TSD end
Iopp
HV sample
Dmax
OPP Current
Generation


Similar Part No. - NCP1239ED65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239ED65R2G ONSEMI-NCP1239ED65R2G Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
NCP1239ED65R2G ONSEMI-NCP1239ED65R2G Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
More results

Similar Description - NCP1239ED65R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1239 ONSEMI-NCP1239_15 Datasheet
240Kb / 25P
   Fixed Frequency Current?륪ode Controller for Flyback Converter
November, 2015 ??Rev. 9
NCP1239 ONSEMI-NCP1239_V01 Datasheet
398Kb / 29P
   Fixed Frequency Current‐Mode Controller for Flyback Converter
October, 2020 - Rev. 25
NCP1246 ONSEMI-NCP1246 Datasheet
1Mb / 38P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2012 Rev. P0
NCP1234 ONSEMI-NCP1234 Datasheet
284Kb / 33P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2011 ??Rev. 1
NCP1246-D ONSEMI-NCP1246-D Datasheet
1Mb / 39P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2012 ??Rev. 1
NCP12400 ONSEMI-NCP12400 Datasheet
4Mb / 46P
   Fixed Frequency Current Mode Controller for Flyback Converters
October, 2019 ??Rev. 5
NCP1236AD65R2G ONSEMI-NCP1236AD65R2G Datasheet
302Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
April, 2013 ??Rev. 3
NCP1288 ONSEMI-NCP1288 Datasheet
274Kb / 32P
   Fixed Frequency Current Mode Controller for Flyback Converters
February, 2010 ??Rev. 1
NCP1236 ONSEMI-NCP1236 Datasheet
295Kb / 34P
   Fixed Frequency Current Mode Controller for Flyback Converters
January, 2012 ??Rev. 2
NCP1246 ONSEMI-NCP1246_V01 Datasheet
1Mb / 41P
   Fixed Frequency Current Mode Controller for Flyback Converters
March, 2017 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com