Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30080ASNT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCL30080ASNT1G
Description  Quasi-Resonant Primary Side Current-Mode Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30080ASNT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCL30080ASNT1G Datasheet HTML 1Page - ON Semiconductor NCL30080ASNT1G Datasheet HTML 2Page - ON Semiconductor NCL30080ASNT1G Datasheet HTML 3Page - ON Semiconductor NCL30080ASNT1G Datasheet HTML 4Page - ON Semiconductor NCL30080ASNT1G Datasheet HTML 5Page - ON Semiconductor NCL30080ASNT1G Datasheet HTML 6Page - ON Semiconductor NCL30080ASNT1G Datasheet HTML 7Page - ON Semiconductor NCL30080ASNT1G Datasheet HTML 8Page - ON Semiconductor NCL30080ASNT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
NCL30080
www.onsemi.com
2
Figure 1. Typical Application Schematic for NCL30080
Aux
1
2
34
5
6
.
.
.
Table 1. PIN FUNCTION DESCRIPTION
Pin No
Pin Name
Function
Pin Description
1
ZCD
Zero Crossing Detection
Connected to the auxiliary winding; this pin detects the core reset event.
2
GND
The controller ground
3
CS
Current sense
This pin monitors the primary peak current
4
DRV
Driver output
The current capability of the totem pole gate drive (+0.3/−0.5 A) makes it suit-
able to effectively drive a broad range of power MOSFETs.
5
VCC
Supplies the controller
This pin is connected to an external auxiliary voltage.
6
VIN
Input voltage sensing
Brown−Out
This pin observes the HV rail and is used in valley selection. This pin also
monitors and protects for low mains conditions.


Similar Part No. - NCL30080ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30080ASNT1G ONSEMI-NCL30080ASNT1G Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
More results

Similar Description - NCL30080ASNT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30080 ONSEMI-NCL30080 Datasheet
258Kb / 21P
   Quasi-Resonant Primary Side Current-Mode Side Current-Mode
January, 2013 ??Rev. P0
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30185 ONSEMI-NCL30185 Datasheet
320Kb / 28P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. 0
NCL30288 ONSEMI-NCL30288 Datasheet
205Kb / 15P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
May, 2018 ??Rev. 0
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com