Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP114 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP114
Description  300 mA CMOS Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP114 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP114_16 Datasheet HTML 2Page - ON Semiconductor NCP114_16 Datasheet HTML 3Page - ON Semiconductor NCP114_16 Datasheet HTML 4Page - ON Semiconductor NCP114_16 Datasheet HTML 5Page - ON Semiconductor NCP114_16 Datasheet HTML 6Page - ON Semiconductor NCP114_16 Datasheet HTML 7Page - ON Semiconductor NCP114_16 Datasheet HTML 8Page - ON Semiconductor NCP114_16 Datasheet HTML 9Page - ON Semiconductor NCP114_16 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
NCP114
www.onsemi.com
6
TYPICAL CHARACTERISTICS
800
TJ, JUNCTION TEMPERATURE (°C)
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
VIN = VOUT(nom) + 1 V or 2.5 V
VOUT = 0 V
CIN = 1 mF
COUT = 1 mF
Figure 15. Short−Circuit Current vs.
Temperature
800
VIN, INPUT VOLTAGE (V)
3.0
5.6
5.4
3.2 3.4 3.6 3.8 4.0 4.2 4.4 4.6 4.8 5.0 5.2
Figure 16. Short−Circuit Current vs. Input
Voltage
1
TJ, JUNCTION TEMPERATURE (°C)
Figure 17. Enable Voltage Threshold vs.
Temperature
350
TJ, JUNCTION TEMPERATURE (°C)
Figure 18. Current to Enable Pin vs.
Temperature
100
TJ, JUNCTION TEMPERATURE (°C)
−40
Figure 19. Disable Current vs. Temperature
−30 −20 −10 0
10
90
80
70
60
50
40
30
20
VIN = 5.5 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
VOUT = 0 V
CIN = 1 mF
COUT = 1 mF
VIN = 3.8 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
VOUT = 2.8 V
VOUT = 1.2 V
750
700
650
600
550
500
450
400
350
300
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
OFF −> ON
ON −> OFF
315
280
245
210
175
140
105
70
35
0
−40
90
80
−30 −20 −10
0
10
20 30 40
50 60 70
VEN = 5.5 V
VEN = 0.4 V
VIN = 5.5 V
VOUT = 2.8 V
CIN = 1 mF
COUT = 1 mF
80
60
40
20
0
−20
−40
−60
−80
−100
750
700
650
600
550
500
450
400
350
300


Similar Part No. - NCP114_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP114 ONSEMI-NCP114_17 Datasheet
826Kb / 18P
   CMOS Low Dropout Regulator
September, 2017 ??Rev. 27
More results

Similar Description - NCP114_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
ON Semiconductor
NCV8114 ONSEMI-NCV8114_V01 Datasheet
802Kb / 13P
   Voltage Regulator - CMOS, Low Dropout 300 mA
October, 2019 ??Rev. 3
logo
Analog Devices
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713 AD-ADP1713_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
logo
Texas Instruments
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com