Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30060BDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCL30060BDR2G
Description  High PF Offline Single Stage LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30060BDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  NCL30060BDR2G Datasheet HTML 1Page - ON Semiconductor NCL30060BDR2G Datasheet HTML 2Page - ON Semiconductor NCL30060BDR2G Datasheet HTML 3Page - ON Semiconductor NCL30060BDR2G Datasheet HTML 4Page - ON Semiconductor NCL30060BDR2G Datasheet HTML 5Page - ON Semiconductor NCL30060BDR2G Datasheet HTML 6Page - ON Semiconductor NCL30060BDR2G Datasheet HTML 7Page - ON Semiconductor NCL30060BDR2G Datasheet HTML 8Page - ON Semiconductor NCL30060BDR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
NCL30060
www.onsemi.com
4
Table 1. NCL30060 PIN FUNCTION DESCRIPTION
Pin No
Pin Name
Pin Description
1
FB
Feedback Input. The FB pin is the control input to the PWM comparator. A voltage level controlled by the
feedback loop on this pin is compared to the internal ramp establishing power switch on time.
2
CS/ZCD
Current sense and zero current detection. The CS input is used to sense the instantaneous switch cur-
rent in the external power switch during switch on time. A fast−responding high threshold level for short
circuit detection is provided along with a longer blanking time at lower level for overload conditions. Dur-
ing switch off time, this pin monitors the bias winding to detect transformer demagnetization. When
stored energy is depleted the gate drive turns on the power switch initiating the next cycle. This pin also
detects overvoltage conditions through the bias winding. A blanking time prevents false overvoltage trig-
gering due to noise.
3
RT
Maximum on−time adjust. The RT pin establishes the ramp charging current. The PWM comparator es-
tablishes the switch on time from the ramp and FB signal. Pulling the RT pin below the disable threshold
forces the controller in the Armed mode where all switching functions cease.
4
GND
Ground. This is the ground reference for the controller. All bypassing and control components should be
connected to the GND pin with a short trace length to minimize noise.
5
DRV
Drive. The high current capability of the totem pole gate drive makes it suitable to directly control high
gate charge power MOSFETs. The driver stage provides both passive and active pull−down circuits
which force the MOSFET gate off when VCC is below normal operating levels.
6
VCC
IC Supply. This is the positive supply of the controller and source for powering external circuits. Internal
bias will be disabled when external power is sufficient to maintain operation.
7
NC
No−connect. This missing pin provides creepage distance.
8
HV
High−voltage input. Monitors input voltage for brown−out detection and power to operate controller.


Similar Part No. - NCL30060BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30060BDR2G ONSEMI-NCL30060BDR2G Datasheet
689Kb / 15P
   High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
NCL30060BDR2G ONSEMI-NCL30060BDR2G Datasheet
733Kb / 15P
   High PF Offline Single Stage LED Driver
April, 2018 ??Rev. 8
More results

Similar Description - NCL30060BDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060_18 Datasheet
733Kb / 15P
   High PF Offline Single Stage LED Driver
April, 2018 ??Rev. 8
NCL30060 ONSEMI-NCL30060 Datasheet
686Kb / 15P
   High PF Offline Single Stage LED Driver
May, 2014 ??Rev. 0
NCL30060 ONSEMI-NCL30060_17 Datasheet
689Kb / 15P
   High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
logo
STMicroelectronics
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
   18 W single-stage offline LED driver
logo
Unisonic Technologies
UCL2300 UTC-UCL2300 Datasheet
188Kb / 5P
   PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP3316D BPS-BP3316D Datasheet
146Kb / 2P
   PSR Single-Stage APFC Offline LED Driver
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Diodes Incorporated
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com