Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCD5701C Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCD5701C
Description  High Current IGBT Gate Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCD5701C Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCD5701C Datasheet HTML 3Page - ON Semiconductor NCD5701C Datasheet HTML 4Page - ON Semiconductor NCD5701C Datasheet HTML 5Page - ON Semiconductor NCD5701C Datasheet HTML 6Page - ON Semiconductor NCD5701C Datasheet HTML 7Page - ON Semiconductor NCD5701C Datasheet HTML 8Page - ON Semiconductor NCD5701C Datasheet HTML 9Page - ON Semiconductor NCD5701C Datasheet HTML 10Page - ON Semiconductor NCD5701C Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
NCD5701A, NCD5701B, NCD5701C
www.onsemi.com
7
Table 2. ABSOLUTE MAXIMUM RATINGS (Note 1)
Rating
Symbol
Minimum
Maximum
Unit
Differential Power Supply
VCC−VEE (Vmax)
0
36
V
Positive Power Supply
VCC−GND
−0.3
22
V
Negative Power Supply
VEE−GND
−18
0.3
V
Gate Output High
(VO, VOH)−GND
VCC + 0.3
V
Gate Output Low
(VO, VOL)−GND
VEE − 0.3
V
Input Voltage
VIN−GND
−0.3
5.5
V
DESAT Voltage
VDESAT−GND
−0.3
VCC + 0.3
V
FLT current
Sink
Source
IFLT−SINK
IFLT−SRC
20
25
mA
Power Dissipation
SO−8 package
PD
700
mW
Maximum Junction Temperature
TJ(max)
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
4
kV
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Moisture Sensitivity Level
MSL
1
Lead Temperature Soldering
Reflow (SMD Styles Only), Pb−Free Versions (Note 3)
TSLD
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115)
Latchup Current Maximum Rating:
≤100 mA per JEDEC standard: JESD78, 25°C
3. For information, please refer to our Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
Table 3. THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, SOIC−8 (Note 4)
Thermal Resistance, Junction−to−Air (Note 5)
RqJA
176
°C/W
4. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
5. Values based on copper area of 100 mm2 (or 0.16 in2) of 1 oz copper thickness and FR4 PCB substrate.
Table 4. OPERATING RANGES (Note 6)
Rating
Symbol
Min
Max
Unit
Differential Power Supply
VCC−VEE (Vmax)
30
V
Positive Power Supply
VCC
UVLO
20
V
Negative Power Supply
VEE
−15
0
V
Input Voltage
VIN
0
5
V
Input pulse width
ton
40
ns
Ambient Temperature
TA
−40
125
°C
6. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NCD5701C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD5701C ONSEMI-NCD5701C Datasheet
342Kb / 20P
   High Current IGBT Gate Drivers
June, 2017 ??Rev. 4
NCD5701CDR2G ONSEMI-NCD5701CDR2G Datasheet
342Kb / 20P
   High Current IGBT Gate Drivers
June, 2017 ??Rev. 4
More results

Similar Description - NCD5701C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV5701A ONSEMI-NCV5701A Datasheet
336Kb / 20P
   High Current IGBT Gate Drivers
October, 2017 ??Rev. 0
NCV5703A ONSEMI-NCV5703A Datasheet
672Kb / 20P
   High Current IGBT Gate Drivers
August, 2019 ??Rev. 1
NCD5703A ONSEMI-NCD5703A Datasheet
451Kb / 20P
   High Current IGBT Gate Drivers
January, 2018 ??Rev. 0
NCV5705B ONSEMI-NCV5705B Datasheet
668Kb / 15P
   High Current IGBT Gate Drivers
March, 2022 - Rev. 3
NCD5701A ONSEMI-NCD5701A Datasheet
342Kb / 20P
   High Current IGBT Gate Drivers
June, 2017 ??Rev. 4
NCD5700 ONSEMI-NCD5700_17 Datasheet
333Kb / 18P
   High Current IGBT Gate Driver
June, 2017 ??Rev. 4
NCV5700 ONSEMI-NCV5700 Datasheet
329Kb / 18P
   High Current IGBT Gate Driver
September, 2017 ??Rev. 0
NCD5702 ONSEMI-NCD5702 Datasheet
424Kb / 18P
   High Current IGBT Gate Driver
April, 2018 ??Rev. 1
NCD5700 ONSEMI-NCD5700 Datasheet
456Kb / 18P
   High Current IGBT Gate Driver
August, 2016 ??Rev. 1
NCV5702 ONSEMI-NCV5702 Datasheet
677Kb / 18P
   High Current IGBT Gate Driver
August, 2019 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com