Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30080 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCL30080
Description  Quasi-Resonant Primary Side Current-Mode Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30080 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCL30080_15 Datasheet HTML 3Page - ON Semiconductor NCL30080_15 Datasheet HTML 4Page - ON Semiconductor NCL30080_15 Datasheet HTML 5Page - ON Semiconductor NCL30080_15 Datasheet HTML 6Page - ON Semiconductor NCL30080_15 Datasheet HTML 7Page - ON Semiconductor NCL30080_15 Datasheet HTML 8Page - ON Semiconductor NCL30080_15 Datasheet HTML 9Page - ON Semiconductor NCL30080_15 Datasheet HTML 10Page - ON Semiconductor NCL30080_15 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
NCL30080
www.onsemi.com
7
TYPICAL CHARACTERISTICS
Figure 3. VCC(on) vs. Junction Temperature
Figure 4. VCC(off) vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
100
80
60
40
20
0
−20
−40
17.90
17.95
18.00
18.05
18.10
18.15
8.65
8.70
8.75
8.80
8.85
Figure 5. VCC(OVP) vs. Junction Temperature
Figure 6. ICC1 vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
27.40
27.55
27.60
27.65
27.70
27.75
27.80
0.95
0.97
0.99
1.01
1.03
1.05
1.07
1.09
Figure 7. ICC2 vs. Junction Temperature
Figure 8. ICC3 vs. Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
2.00
2.05
2.10
2.15
2.20
2.35
2.40
2.50
2.55
2.60
2.65
2.70
120
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120
100
80
60
40
20
0
−20
−40
120
2.45
27.50
27.45


Similar Part No. - NCL30080_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
More results

Similar Description - NCL30080_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCL30085 ONSEMI-NCL30085 Datasheet
316Kb / 27P
   Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 3
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
NCL30080 ONSEMI-NCL30080 Datasheet
258Kb / 21P
   Quasi-Resonant Primary Side Current-Mode Side Current-Mode
January, 2013 ??Rev. P0
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30088 ONSEMI-NCL30088 Datasheet
386Kb / 26P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
April, 2015 ??Rev. 4
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30185 ONSEMI-NCL30185 Datasheet
320Kb / 28P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. 0
NCL30288 ONSEMI-NCL30288 Datasheet
205Kb / 15P
   Power Factor Corrected Quasi-Resonant Primary Side Current-Mode Controller
May, 2018 ??Rev. 0
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com