Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCL30060 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCL30060
Description  High PF Offline Single Stage LED Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30060 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCL30060_16 Datasheet HTML 2Page - ON Semiconductor NCL30060_16 Datasheet HTML 3Page - ON Semiconductor NCL30060_16 Datasheet HTML 4Page - ON Semiconductor NCL30060_16 Datasheet HTML 5Page - ON Semiconductor NCL30060_16 Datasheet HTML 6Page - ON Semiconductor NCL30060_16 Datasheet HTML 7Page - ON Semiconductor NCL30060_16 Datasheet HTML 8Page - ON Semiconductor NCL30060_16 Datasheet HTML 9Page - ON Semiconductor NCL30060_16 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
NCL30060
www.onsemi.com
6
ELECTRICAL CHARACTERISTICS (VCC = 14 V, VHV = 120 V, VFB = 4 V, VCS/ZCD = 0 V, CDRV = 1 nF, RT = 20 kW, for typical values
TJ = 25_C, for min/max values, TJ is – 40_C to 105_C, unless otherwise noted)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
STARTUP AND SUPPLY CIRCUITS
Supply Voltage
Startup Threshold
Minimum Operating Voltage
Operating Hysteresis
Undervoltage Lockout
Hysteresis Between VCC(MIN) and VCC(UVLO)
Internal Latch/Logic Reset Level
Transition from Istart1 to Istart2
1 V/ms, VCC increasing
1 V/ms, VCC decreasing
VCC(on) − VCC(MIN)
VCC decreasing
1 V/ms, VCC(min) − VCC(UVLO)
VCC decreasing
VCC increasing
VCC(on)
VCC(MIN)
VCC(HYS1)
VCC(UVLO)
VCC(HYS2)
VCC(reset)
VCC(inhibit)
11.75
10.7
0.9
8.2
2.0
4.5
0.35
12.5
11.5
8.8
5.5
0.7
13.75
12.8
9.4
7.5
0.95
V
Supply Current
In Fault Mode
In Disable Modes
Active Mode Without CDRV, fSW = 60 kHz
Active Mode With CDRV, fSW = 60 kHz
VRT = 0 V
CDRV = open
CDRV = 1nF
ICC1
ICC2
ICC4
ICC5
140
300
800
1490
190
335
870
1600
240
450
975
1700
mA
Startup Current
VCC = 0 V to Vinhibit
VHV = 400V
Istart1
Istart2
Istart3
0.31
9
3.5
0.77
14
5.25
1.23
19
7.00
mA
VCC Overvoltage Protection Threshold
VCC(OVP)
27
28
29
V
VCC Overvoltage Protection Delay
tdelay(VCC_OVP)
15
30
50
ms
Startup Circuit Off−State Leakage Current
V HV = 400 V, VCC = VCC(on)
to VCC(MAX)
IHV(off)
24
30
mA
Minimum Startup Voltage
Istart2 = 1 mA
VHV(MIN)
40
V
Startup Current Transition Voltage Threshold
Istart3 = 5.25 mA
VHV(tran)
160
175
190
V
GATE DRIVE
Rise Time (10−90%)
VDRV from 10 to 90% of
VDRV
tPDRV(rise)
80
180
ns
Fall Time (90−10%)
VDRV from 90 to 10% of
VDRV
tPDRV(fall)
40
80
ns
Current Capability
Source
Sink
VDRV = 2 V
VDRV = 10 V
IDRV(SRC)
IDRV(SNK)
250
400
mA
High State Voltage
VCC = VCC(UVLO) + 0.2 V,
RDRV = 10 kW
VDRV(highuvlo)
0.25
V
VCC = VCC(OVP) − 0.5 V ,
RDRV = 10 kW
VDRV(high)
10
12
14
V
Low State Voltage
IDRV = 100mA
VDRV(low)
0.25
V
FEEDBACK
Feedback Open Voltage
VFB = open
VFB(open)
6.0
6.3
6.6
V
Minimum FB Voltage to Generate Drive Pulses
VFB decreasing
VFB(offset)
0.60
0.70
0.80
V
Feedback Bias Resistor
RFB(bias)
20
25.8
29.6
k
W
CONSTANT ON TIME GENERATOR
On Time
RT = 20 kW, VFB = VFB(open)
RT = 10 kW, VFB = VFB(open)
RT = 80 kW, VFB = VFB(open)
RT = 80 kW, VFB = 4.45 V
RT = 80 kW, VFB = 3.2 V
ton1
ton2
ton3
ton4
ton5
4.75
2.37
18.4
13.6
9.0
5.0
2.50
19.5
14.5
9.56
5.25
2.63
20.7
15.5
10.1
ms
Maximum On Time
RT = 110 kW to open, VFB =
VFB(open)
ton(MAX)
22.0
27.5
33.0
ms
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCL30060_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30060B1DR2G ONSEMI-NCL30060B1DR2G Datasheet
689Kb / 15P
   High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
NCL30060B1DR2G ONSEMI-NCL30060B1DR2G Datasheet
733Kb / 15P
   High PF Offline Single Stage LED Driver
April, 2018 ??Rev. 8
NCL30060 ONSEMI-NCL30060_17 Datasheet
689Kb / 15P
   High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
NCL30060 ONSEMI-NCL30060_18 Datasheet
733Kb / 15P
   High PF Offline Single Stage LED Driver
April, 2018 ??Rev. 8
More results

Similar Description - NCL30060_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30060 ONSEMI-NCL30060_18 Datasheet
733Kb / 15P
   High PF Offline Single Stage LED Driver
April, 2018 ??Rev. 8
NCL30060 ONSEMI-NCL30060 Datasheet
686Kb / 15P
   High PF Offline Single Stage LED Driver
May, 2014 ??Rev. 0
NCL30060 ONSEMI-NCL30060_17 Datasheet
689Kb / 15P
   High PF Offline Single Stage LED Driver
November, 2017 ??Rev. 6
logo
STMicroelectronics
AN3111 STMICROELECTRONICS-AN3111 Datasheet
803Kb / 23P
   18 W single-stage offline LED driver
logo
Unisonic Technologies
UCL2300 UTC-UCL2300 Datasheet
188Kb / 5P
   PSR SINGLE-STAGE APFC OFFLINE LED DRIVER
logo
Bright Power Semiconduc...
BP3316D BPS-BP3316D Datasheet
146Kb / 2P
   PSR Single-Stage APFC Offline LED Driver
logo
Fairchild Semiconductor
FL7732MF116 FAIRCHILD-FL7732MF116 Datasheet
1Mb / 13P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
logo
ON Semiconductor
FLS3217 ONSEMI-FLS3217 Datasheet
430Kb / 15P
   Single-Stage PFC Primary-Side-Regulation Offline LED Driver
July 2014 Rev. 1.0.1
logo
Diodes Incorporated
AP1685 DIODES-AP1685 Datasheet
428Kb / 14P
   OFFLINE, HIGH PF, HIGH EFFICIENCY LED DRIVER IC
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
   OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com