Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC898123F40XC-VH Datasheet(PDF) 9 Page - ON Semiconductor

Part # LC898123F40XC-VH
Description  Optical Image Stabilization (OIS) Auto Focus (AF) Controller & Driver with 40kB Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC898123F40XC-VH Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LC898123F40XC-VH Datasheet HTML 3Page - ON Semiconductor LC898123F40XC-VH Datasheet HTML 4Page - ON Semiconductor LC898123F40XC-VH Datasheet HTML 5Page - ON Semiconductor LC898123F40XC-VH Datasheet HTML 6Page - ON Semiconductor LC898123F40XC-VH Datasheet HTML 7Page - ON Semiconductor LC898123F40XC-VH Datasheet HTML 8Page - ON Semiconductor LC898123F40XC-VH Datasheet HTML 9Page - ON Semiconductor LC898123F40XC-VH Datasheet HTML 10Page - ON Semiconductor LC898123F40XC-VH Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LC898123F40XC
www.onsemi.com
9
9. AC Characteristics
9-1 Power Sequence
Item
Symbol
Min
Typ
Max
Units
Rise time
tR
3
ms
Wait time
tW
100
ms
Bottom Voltage
Vbot
0.2
V
Injection order between AVDD30 and VM is below.
AVDD30
VM
VM
AVDD30 + 0.5V
(VM
≦ 3.3V)
2.6V
2.6V
tVMrd
≧ 0ms
tAVfd
≧0ms
WPB
tAVfd
tVMrd
WPB must be open or pulled down normally. When Flash is erased or programmed, WPB must be held High.
SDA, SCL, EXCLK, and WPB will tolerate 3 V input at the time of power off.
Power must remain applied to the device during flash access in order to prevent unintentional rewriting of the flash
memory.
Data in flash memory may be rewritten unintentionally if the specified power sequencing techniques are not kept.


Similar Part No. - LC898123F40XC-VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898123F40XC-VH ONSEMI-LC898123F40XC-VH Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
More results

Similar Description - LC898123F40XC-VH

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC898123F40XC ONSEMI-LC898123F40XC_16 Datasheet
319Kb / 11P
   Optical Image Stabilization (OIS) / Auto Focus (AF) Controller & Driver
August 2016 - Rev. 1
LC898124EP1XC ONSEMI-LC898124EP1XC Datasheet
274Kb / 10P
   Optical Image Stabilization (OIS) / Open-Auto Focus (AF) Controller & Driver
July 2016 - Rev. P1
LC898122XA ONSEMI-LC898122XA Datasheet
113Kb / 7P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898123AXD ONSEMI-LC898123AXD Datasheet
217Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
November 2015 - Rev. 1
LC898123F40XC ONSEMI-LC898123F40XC_17 Datasheet
321Kb / 11P
   Optical Image Stabilization Auto Focus Controller & Driver
March 2017 - Rev. 3
LC898122AXA ONSEMI-LC898122AXA Datasheet
262Kb / 12P
   Optical Image Stabilization / Auto Focus Controller & Driver
March 2015 - Rev. 1
LC898111AXB ONSEMI-LC898111AXB_15 Datasheet
121Kb / 6P
   Optical Image Stabilization (OIS) Controller & Driver
April 2015 - Rev. 1
LC898217XC ONSEMI-LC898217XC Datasheet
142Kb / 9P
   Auto Focus (AF) Controller & Driver
February 2016 - Rev. 0
LC898217XH ONSEMI-LC898217XH Datasheet
244Kb / 9P
   Auto Focus (AF) Controller & Driver
April 2017 - Rev. 0
LC898113 ONSEMI-LC898113 Datasheet
182Kb / 7P
   Optical Image Stabilization / Controller & Driver
April 2015 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com