Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD08DRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD08DRG4
Description  WIDE SUPPLY RANGE RS-485 TRANSCEIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD08DRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN65HVD08DRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD08DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD08DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD08DRG4 Datasheet HTML 9Page - Texas Instruments SN65HVD08DRG4 Datasheet HTML 10Page - Texas Instruments SN65HVD08DRG4 Datasheet HTML 11Page - Texas Instruments SN65HVD08DRG4 Datasheet HTML 12Page - Texas Instruments SN65HVD08DRG4 Datasheet HTML 13Page - Texas Instruments SN65HVD08DRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
www.ti.com
3.3V
5V
50
150
350
450
500
-7
-2
3
8
13
V
(TEST)
Common-ModeVoltage − V
250
300
400
200
100
0
60 W
1%
±
50 W
375 W 1%
±
-7V<V
<12V
(TEST)
V
OD
V
(low)
OD
t
(diff)
pZL
t
(diff)
pZH
V
0or3V
375 W 1%
±
50%
0V
1.5V
D
Z
DE
Y
-1.5V
V
(high)
OD
Input
Generator
SN75HVD08, SN65HVD08
SLLS550C – NOVEMBER 2002 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
ENABLE TIME
vs
COMMON-MODE VOLTAGE (SEE Figure 14)
Figure 13.
Figure 14. Driver Enable Time From DE to VOD
The time tpZL(x) is the measure from DE to VOD(x). VOD is valid when it is greater than 1.5 V.
10
Submit Documentation Feedback


Similar Part No. - SN65HVD08DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD08DRG4 TI-SN65HVD08DRG4 Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN65HVD08DRG4 TI-SN65HVD08DRG4 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD08DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75HVD08 TI-SN75HVD08_08 Datasheet
446Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
SN75HVD08 TI-SN75HVD08_07 Datasheet
417Kb / 19P
[Old version datasheet]   WIDE SUPPLY RANGE RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202_17 Datasheet
670Kb / 16P
   Wide Supply RS-485/RS-422 Transceiver with 1.65V-5.5V I/O Interface
XR33032 EXAR-XR33032 Datasheet
403Kb / 19P
   WIDE SUPPLY 18V TOLERANT RS-485/RS-422 TRANSCEIVERS
logo
Mitsubishi Electric Sem...
M75176P MITSUBISHI-M75176P Datasheet
166Kb / 9P
   RS-485 TRANSCEIVER
logo
Exar Corporation
XR33202 EXAR-XR33202 Datasheet
299Kb / 7P
   Wide Supply TIA-485/TIA-422 Transceiver
logo
Analog Devices
ADM2483 AD-ADM2483_15 Datasheet
322Kb / 20P
   Isolated RS-485 Transceiver
REV. C
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Shanghai Leiditech Elec...
SP3085 LEIDITECH-SP3085 Datasheet
2Mb / 10P
   RS-485 RS422 Transceiver
Rev 1.6 : 01.01.2022
logo
Texas Instruments
SN65HVD82 TI1-SN65HVD82 Datasheet
466Kb / 23P
[Old version datasheet]   Robust RS-485 Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com