Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8604ACM Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # SP8604ACM
Description  ADVANCE INFORMATION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP8604ACM Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  SP8604ACM Datasheet HTML 1Page - Zarlink Semiconductor Inc SP8604ACM Datasheet HTML 2Page - Zarlink Semiconductor Inc SP8604ACM Datasheet HTML 3Page - Zarlink Semiconductor Inc SP8604ACM Datasheet HTML 4Page - Zarlink Semiconductor Inc SP8604ACM Datasheet HTML 5Page - Zarlink Semiconductor Inc SP8604ACM Datasheet HTML 6Page - Zarlink Semiconductor Inc SP8604ACM Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2
SP8602/4
Maximum frequency (sinewave input)
Minimum frequency (sinewave input)
Power supply current
Output low voltage
Output high voltage
Minimum output swing
fMAX
fMIN
IEE
VOL
VOH
VOUT
500
300
2
1·8
2
0·85
400
Min.
Max.
40
18
2
1·4
2
0·7
Value
Notes
MHz
MHz
MHz
mA
V
V
mV
3
3
Input = 400-800mV p-p
Input = 400-800mV p-p
Input = 400-800mV p-p
VEE = 25·2V, outputs
unloaded
VEE = 25·2V
VEE = 25·2V
VEE = 25·2V
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, the Electrical Characteristics are guaranteed over specified supply, frequency and temperature range
Supply voltage, VCC = 0V, VEE = 25·2V 6 0·25V
Temperature, T
AMB = 255°C to 1125°C (A Grade), 230°C to 170°C (B Grade)
Conditions
Units
Symbol
Characteristic
Type
SP8602
SP8604
Both
Both
Both
Both
Both
Fig. 4 Typical input impedance. Test conditions: supply voltage = 25·2V, ambient
temperature = 25
°C, frequencies in MHz, Impedances normalised to 50Ω
NOTES
1. The temperature coefficients of VOH = 11·63mV/°C, and VOL = 10·34mV/°C but these are not tested.
2. The test configuration for dynamic testing is shown in Fig.5.
3. Tested at 25
°C only.
1000
800
600
400
200
0
0
100
200
300
400
500
INPUT FREQUENCY (MHz)
* Tested as specified
in table of Electrical
Characteristics
TAMB = 255°C TO 1125°C (A GRADE)
SP8604
SP8602
GUARANTEED *
OPERATING
WINDOW
TAMB = 230°C TO 170°C (B GRADE)
Fig. 3 Typical input characteristics of SP8602 and SP8604
400
500
j 2
j 1
j 0.5
j 0.2
0
2
j 0.2
2
j 0.5
2
j 1
2
j 2
1
0.5
0.2
j 5
2
j 5
2
5
300
200
100
50


Similar Part No. - SP8604ACM

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP8601 SAMHOP-SP8601 Datasheet
103Kb / 7P
   Super high dense cell design for low RDS(ON).
logo
Sipex Corporation
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP8605 SIPEX-SP8605 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
logo
Zarlink Semiconductor I...
SP8607 ZARLINK-SP8607 Datasheet
313Kb / 7P
   emitter coupled logic divider
SP8607ACCM ZARLINK-SP8607ACCM Datasheet
313Kb / 7P
   emitter coupled logic divider
More results

Similar Description - SP8604ACM

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC08AZ0 MOTOROLA-MC68HC08AZ0 Datasheet
4Mb / 444P
   Advance Information
MC68HC08AZ32 MOTOROLA-MC68HC08AZ32 Datasheet
4Mb / 424P
   Advance Information
MC68HC08AZ60 MOTOROLA-MC68HC08AZ60 Datasheet
3Mb / 452P
   Advance Information
logo
Siemens Semiconductor G...
SAB82C215 SIEMENS-SAB82C215 Datasheet
367Kb / 20P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
68HC08PT48 FREESCALE-68HC08PT48 Datasheet
2Mb / 352P
   Advance Information
logo
CML Microcircuits
EV6090 CMLMICRO-EV6090 Datasheet
447Kb / 12P
   ADVANCE INFORMATION
logo
Freescale Semiconductor...
MC68HC708AS48 FREESCALE-MC68HC708AS48 Datasheet
3Mb / 396P
   Advance Information
MPC5121E FREESCALE-MPC5121E Datasheet
1Mb / 86P
   Advance Information
logo
Motorola, Inc
68HC912DG128 MOTOROLA-68HC912DG128 Datasheet
3Mb / 424P
   Advance Information
logo
Freescale Semiconductor...
MC68HC05P18 FREESCALE-MC68HC05P18 Datasheet
1Mb / 144P
   Advance Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com