Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD1NK60 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD1NK60
Description  N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD1NK60 Datasheet(HTML) 2 Page - STMicroelectronics

  STD1NK60 Datasheet HTML 1Page - STMicroelectronics STD1NK60 Datasheet HTML 2Page - STMicroelectronics STD1NK60 Datasheet HTML 3Page - STMicroelectronics STD1NK60 Datasheet HTML 4Page - STMicroelectronics STD1NK60 Datasheet HTML 5Page - STMicroelectronics STD1NK60 Datasheet HTML 6Page - STMicroelectronics STD1NK60 Datasheet HTML 7Page - STMicroelectronics STD1NK60 Datasheet HTML 8Page - STMicroelectronics STD1NK60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
STD1NK60 - STD1NK60-1 - STQ1HNK60R
2/13
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
(1) ISD ≤1.0A, di/dt ≤100A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX.
THERMAL DATA
AVALANCHE CHARACTERISTICS
Symbol
Parameter
Value
Unit
STD1NK60
STD1NK60-1
STQ1HNK60R
VDS
Drain-source Voltage (VGS =0)
600
V
VDGR
Drain-gate Voltage (RGS =20kΩ)
600
V
VGS
Gate- source Voltage
± 30
V
ID
Drain Current (continuous) at TC = 25°C
1.0
0.4
A
ID
Drain Current (continuous) at TC = 100°C
0.63
0.25
A
IDM ( )
Drain Current (pulsed)
4
1.6
A
PTOT
Total Dissipation at TC = 25°C
30
3
W
Derating Factor
0.24
0.025
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
3
V/ns
Tj
Tstg
Operating Junction Temperature
Storage Temperature
-55 to 150
°C
DPAK / IPAK
TO-92
Rthj-case
Thermal Resistance Junction-case Max
4.16
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
100
120
°C/W
Rthj-lead
Thermal Resistance Junction-lead Max
40
°C/W
Tl
Maximum Lead Temperature For Soldering
Purpose
275
260
°C
Symbol
Parameter
Max Value
Unit
DPAK / IPAK
TO-92
IAR
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
1A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID =IAR,VDD =50 V)
25
mJ


Similar Part No. - STD1NK60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
429Kb / 15P
   N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD1NK60 DOINGTER-STD1NK60 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STD1NK60-1 STMICROELECTRONICS-STD1NK60-1 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STD1NK60-1 STMICROELECTRONICS-STD1NK60-1 Datasheet
429Kb / 15P
   N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
More results

Similar Description - STD1NK60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NK60 STMICROELECTRONICS-STD1NK60_08 Datasheet
429Kb / 15P
   N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
   N-channel 600V - 4.4廓 - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
   N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1_06 Datasheet
381Kb / 15P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
STD2NC45-1 STMICROELECTRONICS-STD2NC45-1 Datasheet
381Kb / 11P
   N-channel 450V - 4.1 - 1.5A - IPAK - TO-92 SuperMESH Power MOSFET
STD1LNC60 STMICROELECTRONICS-STD1LNC60 Datasheet
274Kb / 9P
   N-CHANNEL 600V - 12ohm - 1A - IPAK/DPAK PowerMESH?줚I MOSFET
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com