Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVT543DWR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74LVT543DWR
Description  3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVT543DWR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVT543DWR Datasheet HTML 1Page - Texas Instruments SN74LVT543DWR Datasheet HTML 2Page - Texas Instruments SN74LVT543DWR Datasheet HTML 3Page - Texas Instruments SN74LVT543DWR Datasheet HTML 4Page - Texas Instruments SN74LVT543DWR Datasheet HTML 5Page - Texas Instruments SN74LVT543DWR Datasheet HTML 6Page - Texas Instruments SN74LVT543DWR Datasheet HTML 7Page - Texas Instruments SN74LVT543DWR Datasheet HTML 8Page - Texas Instruments SN74LVT543DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SN54LVT543, SN74LVT543
3.3-V ABT OCTAL REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS137D – MAY 1992 – REVISED JULY 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art Advanced BiCMOS
Technology (ABT) Design for 3.3-V
Operation and Low Static Power
Dissipation
D Support Mixed-Mode Signal Operation (5-V
Input and Output Voltages With 3.3-V VCC)
D Support Unregulated Battery Operation
Down to 2.7 V
D Typical VOLP (Output Ground Bounce)
< 0.8 V at VCC = 3.3 V, TA = 25°C
D ESD Protection Exceeds 2000 V Per
MIL-STD-883C, Method 3015; Exceeds
200 V Using Machine Model
(C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 500 mA
Per JEDEC Standard JESD-17
D Bus-Hold Data Inputs Eliminate the Need
for External Pullup Resistors
D Support Live Insertion
D Package Options Include Plastic
Small-Outline (DW), Shrink Small-Outline
(DB), and Thin Shrink Small-Outline (PW)
Packages, Ceramic Chip Carriers (FK), and
Ceramic (JT) DIPs
description
These octal transceivers are designed specifically
for low-voltage (3.3-V) VCC operation, but with the
capability to provide a TTL interface to a 5-V
system environment.
The ’LVT543 contain two sets of D-type latches for
temporary storage of data flowing in either
direction. Separate latch-enable (LEAB or LEBA)
and output-enable (OEAB or OEBA) inputs are
provided for each register to permit independent
control in either direction of data flow.
The A-to-B enable (CEAB) input must be low in order to enter data from A or to output data from B. If CEAB
is low and LEAB is low, the A-to-B latches are transparent; a subsequent low-to-high transition of LEAB puts
the A latches in the storage mode. With CEAB and OEAB both low, the 3-state B outputs are active and reflect
the data present at the output of the A latches. Data flow from B to A is similar but requires using the CEBA,
LEBA, and OEBA inputs.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
Copyright
© 1995, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
SN54LVT543 ...JT PACKAGE
SN74LVT543 . . . DB, DW, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
LEBA
OEBA
A1
A2
A3
A4
A5
A6
A7
A8
CEAB
GND
VCC
CEBA
B1
B2
B3
B4
B5
B6
B7
B8
LEAB
OEAB
SN54LVT543 . . . FK PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
B2
B3
B4
NC
B5
B6
B7
A2
A3
A4
NC
A5
A6
A7
426
14 15 16 17 18
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN74LVT543DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVT543DWR TI-SN74LVT543DWR Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVT543DWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVT543 TI-SN54LVT543_07 Datasheet
385Kb / 15P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543_08 Datasheet
528Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH543 TI-SN54LVTH543 Datasheet
125Kb / 8P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74LVTH543 TI-SN74LVTH543 Datasheet
353Kb / 14P
[Old version datasheet]   3.3 V ABT OCTAL REGISTERED TRANSCEIVERS WITH 3 STATE OUTPUTS
SN74LVTH543-EP TI1-SN74LVTH543-EP Datasheet
300Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN54LVTR245 TI-SN54LVTR245 Datasheet
117Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI-SN54LVTH245A Datasheet
94Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVT245B TI-SN54LVT245B Datasheet
111Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH245A TI1-SN54LVTH245A_16 Datasheet
1Mb / 27P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54LVTH2245 TI-SN54LVTH2245 Datasheet
108Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com