Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90CR284MTD Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS90CR284MTD
Description  28-Bit Channel Link-66 MHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90CR284MTD Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button DS90CR284MTD Datasheet HTML 6Page - National Semiconductor (TI) DS90CR284MTD Datasheet HTML 7Page - National Semiconductor (TI) DS90CR284MTD Datasheet HTML 8Page - National Semiconductor (TI) DS90CR284MTD Datasheet HTML 9Page - National Semiconductor (TI) DS90CR284MTD Datasheet HTML 10Page - National Semiconductor (TI) DS90CR284MTD Datasheet HTML 11Page - National Semiconductor (TI) DS90CR284MTD Datasheet HTML 12Page - National Semiconductor (TI) DS90CR284MTD Datasheet HTML 13Page - National Semiconductor (TI) DS90CR284MTD Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
DS90CR283 Pin Description — Channel Link Transmitter
Pin Name
I/O
No.
Description
TxIN
I
28
TTL Level inputs
TxOUT+
O
4
Positive LVDS differential data output
TxOUT−
O
4
Negative LVDS differential data output
TxCLK IN
I
1
TTL level clock input. The rising edge acts as data strobe
TxCLK OUT+
O
1
Positive LVDS differential clock output
TxCLK OUT−
O
1
Negative LVDS differential clock output
PWR DOWN
I
1
TTL level input. Assertion (low input) TRI-STATES the outputs, ensuring low current at power
down
V
CC
I
4
Power supply pins for TTL inputs
GND
I
5
Ground pins for TTL inputs
PLL V
CC
I
1
Power supply pin for PLL
PLL GND
I
2
Ground pins for PLL
LVDS V
CC
I
1
Power supply pin for LVDS outputs
LVDS GND
I
3
Ground pins for LVDS outputs
DS90CR284 Pin Description — Channel Link Receiver
Pin Name
I/O
No.
Description
RxIN+
I
4
Positive LVDS differential data inputs
RxIN−
I
4
Negative LVDS differential data inputs
RxOUT
O
28
TTL level outputs
RxCLK IN+
I
1
Positive LVDS differential clock input
RxCLK IN−
I
1
Negative LVDS differential clock input
RxCLK OUT
O
1
TTL level clock output. The rising edge acts as data strobe
PWR DOWN
I
1
TTL level input. Assertion (low input) maintains the receiver outputs in the previous state
V
CC
I
4
Power supply pins for TTL outputs
GND
I
5
Ground pins for TTL outputs
PLL V
CC
I
1
Power supply for PLL
PLL GND
I
2
Ground pin for PLL
LVDS V
CC
I
1
Power supply pin for LVDS inputs
LVDS GND
I
3
Ground pins for LVDS inputs
Applications Information
The Channel Link devices are intended to be used in a wide
variety of data transmission applications. Depending upon
the application the interconnecting media may vary. For ex-
ample, for lower data rate (clock rate) and shorter cable
lengths (< 2m), the media electrical performance is less criti-
cal. For higher speed/long distance applications the media’s
performance becomes more critical. Certain cable construc-
tions provide tighter skew (matched electrical length be-
tween the conductors and pairs). Twin-coax for example, has
been demonstrated at distances as great as 5 meters and
with the maximum data transfer of 1.848 Gbit/s. Additional
applications information can be found in the following Na-
tional Interface Application Notes:
AN = ####
Topic
AN-1041
Introduction to Channel Link
AN-1035
PCB Design Guidelines for LVDS and
Link Devices
AN-806
Transmission Line Theory
AN = ####
Topic
AN-905
Transmission Line Calculations and
Differential Impedance
AN-916
Cable Information
CABLES: A cable interface between the transmitter and re-
ceiver needs to support the differential LVDS pairs. The
21-bit CHANNEL LINK chipset (DS90CR213/214) requires
four pairs of signal wires and the 28-bit CHANNEL LINK
chipset (DS90CR283/284) requires five pairs of signal wires.
The ideal cable/connector interface would have a constant
100
Ω differential impedance throughout the path. It is also
recommended that cable skew remain below 350 ps (@ 66
MHz clock rate) to maintain a sufficient data sampling win-
dow at the receiver.
In addition to the four or five cable pairs that carry data and
clock, it is recommended to provide at least one additional
conductor (or pair) which connects ground between the
transmitter and receiver. This low impedance ground pro-
vides a common mode return path for the two devices. Some
of the more commonly used cable types for point-to-point ap-
www.national.com
10


Similar Part No. - DS90CR284MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR284 NSC-DS90CR284 Datasheet
277Kb / 13P
   28-Bit Channel Link-66 MHz
More results

Similar Description - DS90CR284MTD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90CR283 NSC-DS90CR283_01 Datasheet
277Kb / 13P
   28-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR213 TI-DS90CR213_05 Datasheet
701Kb / 15P
[Old version datasheet]   21-Bit Channel Link-66 MHz
logo
National Semiconductor ...
DS90CR285 NSC-DS90CR285 Datasheet
378Kb / 17P
   3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR286AT-Q1 TI1-DS90CR286AT-Q1 Datasheet
2Mb / 29P
[Old version datasheet]   Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link 66 MHz
logo
National Semiconductor ...
DS90CR216A NSC-DS90CR216A_04 Datasheet
312Kb / 13P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
DS90CR286A NSC-DS90CR286A_09 Datasheet
378Kb / 14P
   3.3V Rising Edge Data Strobe LVDS Receiver 28-Bit Channel Link-66 MHz, 3.3V Rising Edge Strobe LVDS Receiver 21-Bit Channel Link-66 MHz
logo
Texas Instruments
DS90CR285MTDX TI1-DS90CR285MTDX Datasheet
1Mb / 25P
[Old version datasheet]   DS90CR285/DS90CR286 3.3V Rising Edge Data Strobe LVDS 28-Bit Channel Link-66 MHz
DS90CR281 TI1-DS90CR281 Datasheet
319Kb / 15P
[Old version datasheet]   28-Bit Channel Link
logo
National Semiconductor ...
DS90CR281 NSC-DS90CR281 Datasheet
277Kb / 14P
   28-Bit Channel Link
DS90CR288A NSC-DS90CR288A Datasheet
224Kb / 20P
   28-Bit Channel Link-85MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com