Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G57 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G57
Description  CONFIGURABLE MULTIPLE FUNCTION GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G57 Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC1G57 Datasheet HTML 1Page - Texas Instruments SN74LVC1G57 Datasheet HTML 2Page - Texas Instruments SN74LVC1G57 Datasheet HTML 3Page - Texas Instruments SN74LVC1G57 Datasheet HTML 4Page - Texas Instruments SN74LVC1G57 Datasheet HTML 5Page - Texas Instruments SN74LVC1G57 Datasheet HTML 6Page - Texas Instruments SN74LVC1G57 Datasheet HTML 7Page - Texas Instruments SN74LVC1G57 Datasheet HTML 8Page - Texas Instruments SN74LVC1G57 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SN74LVC1G57
CONFIGURABLE MULTIPLEFUNCTION GATE
SCES414G − NOVEMBER 2002 − REVISED SEPTEMBER 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high-impedance or power-off state, VO
(see Note 1)
−0.5 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage range applied to any output in the high or low state, VO
(see Notes 1 and 2)
−0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0)
−50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±100 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 3): DBV package
165
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DCK package
259
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
YEA/YZA package
143
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
YEP/YZP package
123
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The value of VCC is provided in the recommended operating conditions table.
3. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
1.65
5.5
V
VCC
Supply voltage
Data retention only
1.5
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
−4
VCC = 2.3 V
−8
IOH
High-level output current
VCC = 3 V
−16
mA
IOH
High-level output current
VCC = 3 V
−24
mA
VCC = 4.5 V
−32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
VCC = 3 V
16
mA
IOL
Low-level output current
VCC = 3 V
24
mA
VCC = 4.5 V
32
TA
Operating free-air temperature
−40
85
°C
NOTE 4: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Similar Part No. - SN74LVC1G57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G57DBVR TI1-SN74LVC1G57DBVR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DBVRE4 TI1-SN74LVC1G57DBVRE4 Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DBVRG4 TI1-SN74LVC1G57DBVRG4 Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DCKR TI1-SN74LVC1G57DCKR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DCKRE4 TI1-SN74LVC1G57DCKRE4 Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results

Similar Description - SN74LVC1G57

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G98 TI-SN74LVC1G98_10 Datasheet
749Kb / 18P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G58 DIODES-74LVC1G58 Datasheet
288Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
DS35126 Rev. 1 - 2
74LVC1G98 DIODES-74LVC1G98_11 Datasheet
351Kb / 14P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Renesas Technology Corp
HD74LV1GW97A RENESAS-HD74LV1GW97A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
HD74LV1GW98A RENESAS-HD74LV1GW98A Datasheet
102Kb / 9P
   Configurable Multiple-Function Gate
logo
Texas Instruments
SN74LVC1G98-Q1 TI1-SN74LVC1G98-Q1 Datasheet
339Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74AUP1G97 DIODES-74AUP1G97 Datasheet
621Kb / 17P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
74AUP1G57 DIODES-74AUP1G57 Datasheet
759Kb / 16P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Texas Instruments
SN74LVC1G97-Q1 TI1-SN74LVC1G97-Q1 Datasheet
351Kb / 13P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74LVC1G57DRLR TI1-SN74LVC1G57DRLR Datasheet
1Mb / 24P
[Old version datasheet]   CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
Diodes Incorporated
74LVC1G57_1107 DIODES-74LVC1G57_1107 Datasheet
341Kb / 13P
   CONFIGURABLE MULTIPLE-FUNCTION GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com