Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC2510-33PB5 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC2510-33PB5
Description  3A STEP-DOWN PWM CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2510-33PB5 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC2510-33PB5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2510-33PB5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2510-33PB5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2510-33PB5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2510-33PB5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2510-33PB5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2510-33PB5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2510-33PB5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2510-33PB5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
AIC2510
3A STEP-DOWN PWM CONVERTER
Analog Integrations Corporation
3A1, No.1 Li-Hsin Rd. I, Science Park, Hsinchu 300, Taiwan
DS-2510G-01 092408
TEL: 886-3-5772500
FAX: 886-3-5772510 www.analog.com.tw
1
FEATURES
Operating Input Voltage From 4.5V to 30V
3.3V, 5V, 12V and Adjustable Output Version
Adjustable Version Output Voltage Range,
1.2V to 30V ± 4% max Over Line and Load
Regulation
Available in TO-263-5, TO-220-5 and TO-220B
Package
Requires Only 4 External Components
150KHz Fixed Constant Frequency
Low Power Standby Mode, IQ Typically 80µA
TTL Shutdown Capability
Current
Limit
and
Thermal
Shutdown
Protection
3A Guaranteed Output Load Current
APPLICATIONS
Fixed Voltage power supply for LCD Monitor
and LCD TV
On-Card Switching regulators
Simple High Efficiency Step-down regulator
GENERAL DESCRIPTION
The AIC2510 series are step-down monolithic
PWM converters for delivering 3A at fixed
voltages of 3.3V, 5.0V, 12V and using an
external divider to adjust output voltage from
1.2V to 30V with excellent line and load
regulation.
Switching frequency up to 150KHz is achievable
thus allowing smaller-sized filter components.
Internal current limit and thermal shutdown
circuits provide protection from overloads. The
internal
precise
reference
combined
with
voltage feedback loop provides optimum output
voltage
accuracy
and
fast
load
transient
response.
TYPICAL APPLICATION CIRCUIT
L1
R1
R2
+
C2
+
C1
D1
VOUT
VIN
IN
1
ON/OFF
5
OUT
2
FB
4
3
GND
AIC2510
R1 short, R2 and CF open for fixed version
CF
C1: electrolyte capacitor 470uF
C2: electrolyte capacitor 220uF
CF:refer to table1
D1: SK54
L1:33uH


Similar Part No. - AIC2510-33PB5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
More results

Similar Description - AIC2510-33PB5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Unisonic Technologies
P34563 UTC-P34563 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com