Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC2510PT5 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC2510PT5
Description  3A STEP-DOWN PWM CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2510PT5 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC2510PT5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC2510PT5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC2510PT5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC2510PT5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2510PT5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2510PT5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2510PT5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2510PT5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2510PT5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AIC2510
3
ELECTRICAL CHARACTERISTICS (TA=25°°°°C, VIN=12V for the 3.3V, 5V and
Adjustable version and VIN=24V for the 12V version.) (Note1)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
4.5
30
V
Fixed Output Voltage
AIC2510-33 (VIN > 4.75V)
3.168
3.432
V
AIC2510-50 (VIN > 7.0V)
4.800
5.200
V
AIC2510-12 (VIN > 15V)
11.52
12.48
V
FB Reference Voltage
1.193
1.267
V
Saturation Voltage
1.2
1.4
V
Output Voltage Regulation
4
%
Quiescent Current
Internal switch off
5
10
mA
Shutdown Quiescent Current
ON/OFF= 5V (OFF)
80
200
µA
FB bias current
VFB=1.3
10
50
nA
Output leakage current
Vout=-0.9
2
30
mA
Logic Input High
(Regulator OFF)
2.0
V
Logic Input Low
(Regulator ON)
0.6
V
Oscillator Frequency
130
150
180
KHz
Output Current Limit
3.6
5.5
A
Maximum Duty Cycle
100
%
Minimum Duty Cycle
0
%
Efficiency
Vo=5V, Io=3A
80
%
Note 1: Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).


Similar Part No. - AIC2510PT5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
More results

Similar Description - AIC2510PT5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2511 AIC-AIC2511 Datasheet
592Kb / 13P
   3A STEP-DOWN PWM CONVERTER
logo
Unisonic Technologies
P4596 UTC-P4596_15 Datasheet
226Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Anachip Corp
AP1537 ANACHIP-AP1537 Datasheet
201Kb / 7P
   PWM Control 3A Step-Down Converter
logo
Diodes Incorporated
AP1510 DIODES-AP1510_17 Datasheet
572Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Unisonic Technologies
P34563 UTC-P34563 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P1786 UTC-P1786_09 Datasheet
252Kb / 8P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P3586 UTC-P3586 Datasheet
347Kb / 6P
   PWM CONTROL 3A STEP-DOWN CONVERTER
logo
Diodes Incorporated
AP1580 DIODES-AP1580 Datasheet
327Kb / 9P
   PWM CONTROL 3A STEP-DOWN CONVERTER
AP1580 Rev. 1
logo
Unisonic Technologies
P34563 UTC-P34563_15 Datasheet
212Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
P4596 UTC-P4596_16 Datasheet
141Kb / 4P
   PWM CONTROL 3A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com