Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC2573 Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC2573
Description  Synchronous Buck DC/DC Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2573 Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC2573 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2573 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2573 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2573 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2573 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2573 Datasheet HTML 9Page - Analog Intergrations Corporation AIC2573 Datasheet HTML 10Page - Analog Intergrations Corporation AIC2573 Datasheet HTML 11Page - Analog Intergrations Corporation AIC2573 Datasheet HTML 12Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
AIC2573
8
BLOCK DIAGRAM
SS
M1
*
UVLO
INTVCC
REG
OSC
1_SHUT
*
*
*
*
THERMAL
REF
0.8V
DRIH
DRIL
0.6V
0.86V
1.0V
2.8V
1.2V
0.8V
I
OCSET
VCC
GND
COMP
FB
UGATE
BST
VINT
LGATE
PHASE
-
+
EAMP
-
+
BUFFER
-
+
SD
-
+
UV
-
+
OV
-
+
IREV
-
+
COMPARATOR
-
+
OC
VCC
VCC
VCCOK
VINT
OCP
SD
VCCOK
ENB
SD
SD
ITH
RAMP
FB
CLOCK
VINT
GND
2.5uA
40uA
logic
Switching


Similar Part No. - AIC2573

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2510 AIC-AIC2510 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
AIC2510-12PB5 AIC-AIC2510-12PB5 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
AIC2510-12PM5 AIC-AIC2510-12PM5 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
AIC2510-12PT5 AIC-AIC2510-12PT5 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
AIC2510-33PB5 AIC-AIC2510-33PB5 Datasheet
344Kb / 11P
   3A STEP-DOWN PWM CONVERTER
More results

Similar Description - AIC2573

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F72820 FINTEK-F72820 Datasheet
508Kb / 18P
   Synchronous Buck PWM DC-DC Controller
logo
Diodes Incorporated
AP2014 DIODES-AP2014 Datasheet
405Kb / 13P
   SYNCHRONOUS PWM DC-DC BUCK CONTROLLER
DS30883 Rev. 1 - 0
logo
Feature Integration Tec...
F72814 FINTEK-F72814 Datasheet
486Kb / 16P
   Synchronous Buck PWM DC-DC Controller
logo
Fitipower Integrated Te...
FP6329 FITIPOWER-FP6329 Datasheet
699Kb / 16P
   Synchronous Buck PWM DC-DC Controller
logo
Richtek Technology Corp...
RT9202B RICHTEK-RT9202B Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202_07 Datasheet
197Kb / 14P
   Single Synchronous Buck PWM DC-DC Controller
RT9202 RICHTEK-RT9202 Datasheet
149Kb / 16P
   SINGLE SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
   5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
   5V/12V Synchronous Buck PWM DC/DC Controller
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
   5V/12V Synchronous Buck PWM DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com