Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC2350 Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC2350
Description  400mA Synchronous PWM/PSM Step-Down
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC2350 Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC2350 Datasheet HTML 4Page - Analog Intergrations Corporation AIC2350 Datasheet HTML 5Page - Analog Intergrations Corporation AIC2350 Datasheet HTML 6Page - Analog Intergrations Corporation AIC2350 Datasheet HTML 7Page - Analog Intergrations Corporation AIC2350 Datasheet HTML 8Page - Analog Intergrations Corporation AIC2350 Datasheet HTML 9Page - Analog Intergrations Corporation AIC2350 Datasheet HTML 10Page - Analog Intergrations Corporation AIC2350 Datasheet HTML 11Page - Analog Intergrations Corporation AIC2350 Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AIC2350
9
BLOCK DIAGRAM
Functional Block Diagram of AIC2350
PIN DESCRIPTIONS
Pin Name
Pin Function
NC
No Internal Connect (Floating or Connecting to GND).
EN
Chip Enable (Active High).
VIN
Power Input.
LX
Pin for Switching.
GND
Ground.
FB/VOUT Feedback/Output Voltage Pin.


Similar Part No. - AIC2350

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2352 AIC-AIC2352 Datasheet
211Kb / 12P
   700mA Synchronous PWM/PSM Step-Down
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
   1A Synchronous PWM/PSM Step-Down
AIC2359 AIC-AIC2359 Datasheet
242Kb / 11P
   1A Dual Synchronous Step-down DC/DC Converter
More results

Similar Description - AIC2350

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2364 AIC-AIC2364 Datasheet
379Kb / 12P
   4A Synchronous PWM/PSM Step-Down
AIC2352 AIC-AIC2352 Datasheet
211Kb / 12P
   700mA Synchronous PWM/PSM Step-Down
AIC2300 AIC-AIC2300 Datasheet
202Kb / 10P
   400mA Synchronous PWM Step-Down
AIC2354 AIC-AIC2354 Datasheet
222Kb / 13P
   1A Synchronous PWM/PSM Step-Down
AIC2862 AIC-AIC2862 Datasheet
536Kb / 9P
   2A 23V Synchronous PWM/PSM Step-Down
AIC2863 AIC-AIC2863 Datasheet
527Kb / 10P
   3A 23V Synchronous PWM/PSM Step-Down
logo
Linear Technology
LTC4121 LINER-LTC4121 Datasheet
379Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
   400mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC4121 LINER-LTC4121_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
LTC4121-4.2 LINER-LTC4121-4.2_15 Datasheet
350Kb / 30P
   40V 400mA Synchronous Step-Down Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com