Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSU224T23-30PF Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FSU224T23-30PF
Description  Dual Line Can Bus Protection Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FSU224T23-30PF Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FSU224T23-30PF Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FSU224T23-30PF Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FSU224T23-30PF Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FSU224T23-30PF Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FSU224T23
Dual Line Can Bus Protection Diode
Feature
350 watts peak pulse power (tp=8/20us)
ESD Protection: Level 4
Low clamping voltage
Surge=8A@tp=8/20us
SOT-23-3L
IEC Compatibility
EN61000-4
61000-4-2(ESD):Level 4,Contact:±15kv,Air::±25kv
61000-4-4(EFT):40A-5/50ns
61000-4-5(Surge):8A,8/20us
Mechanical Characteristics
Molded JEDEC Sot-23
The Futurewafer® device will meet
IEC61000-4-2(ESD)
Flammability rating UL 94V
Halogen free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us)
PPP
350
Watts
Operating Temperature
TJ
-55 °C ~150 °C
°C
Storage Temperature
TSTG
-55 °C ~150 °C
°C
Applications
CAN bus protection
Security systems
Automotive
Futurewafer Technology co., Ltd
E1605F3A-STD-FW-005


Similar Part No. - FSU224T23-30PF

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FSU224T23 FUTUREWAFER-FSU224T23 Datasheet
618Kb / 4P
   Dual Line Can Bus Protection Diode
More results

Similar Description - FSU224T23-30PF

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FSU224T23 FUTUREWAFER-FSU224T23 Datasheet
618Kb / 4P
   Dual Line Can Bus Protection Diode
logo
Diodes Incorporated
DESD1CAN2SOQ DIODES-DESD1CAN2SOQ Datasheet
279Kb / 5P
   CAN BUS ESD PROTECTION DIODE
logo
Protek Devices
PESD2402 PROTEC-PESD2402 Datasheet
356Kb / 6P
   CAN BUS ESD PROTECTION DIODE
logo
NXP Semiconductors
PESD2CAN PHILIPS-PESD2CAN Datasheet
157Kb / 13P
   CAN bus ESD protection diode
Rev. 2-27 September 2012
logo
TECH PUBLIC Electronics...
TPESD1CAN TECHPUBLIC-TPESD1CAN Datasheet
1Mb / 4P
   Can bus Esd Protection Diode
PESD1CAN TECHPUBLIC-PESD1CAN Datasheet
1Mb / 4P
   CAN bus ESD protection diode
ESDCAN05-2BWY TECHPUBLIC-ESDCAN05-2BWY Datasheet
1Mb / 4P
   Can bus ESD Protection Diode
ESDCAN06-2BWY TECHPUBLIC-ESDCAN06-2BWY Datasheet
1Mb / 4P
   Can bus ESD Protection Diode
ESDONCAN1LT1G TECHPUBLIC-ESDONCAN1LT1G Datasheet
980Kb / 4P
   Can bus Esd Protection Diode
logo
Diodes Incorporated
DESD2CAN2SOQ DIODES-DESD2CAN2SOQ Datasheet
440Kb / 4P
   CAN BUS ESD PROTECTION DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com